Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSCL2482 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSCL2482
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSCL2482 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSCL2482 Datasheet HTML 1Page - Continental Device India Limited CSCL2482 Datasheet HTML 2Page - Continental Device India Limited CSCL2482 Datasheet HTML 3Page - Continental Device India Limited CSCL2482 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSCL2482
TO-92L
Plastic Package
High Voltage Switching and Amplifier Applications
CTV Horizontal Driver and Chroma Output Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCEO
Collector Base Voltage
VCBO
Emitter Base Voltage
VEBO
Collector Current
IC
Base Current
IB
Collector Power Dissipation
PC
Storage Temperature
Tstg
Junction Temperature
Tj
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=240V, IE = 0
1.0
µA
Emitter Cut Off Current
IEBO
VEB=7V, IC = 0
1.0
µA
DC Current Gain
hFE
VCE=10V, IC=4mA
20
VCE=10V, IC=20mA
30
150
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=1mA
1.0
V
Base Emitter Saturation Voltage
VBE (sat)
IC=10mA, IB=1mA
1.0
V
Transition Frequency
fT
VCE=10V, IC=20mA
50
MHz
Collector Output Capacitance
COb
VCB=20V, IE=0, f=1MHz
3.0
pF
CSCL2482Rev250506E
VALUE
300
300
7
ºC
- 55 to +150
150
ºC
UNITS
V
V
V
100
50
900
mA
mA
mW
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSCL2482

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CSCL2482 RECTRON-CSCL2482 Datasheet
931Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CSCL2482

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com