Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC4212 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC4212
Description  NPN EPITAXIAL SILICON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC4212 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC4212 Datasheet HTML 1Page - Continental Device India Limited CSC4212 Datasheet HTML 2Page - Continental Device India Limited CSC4212 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSC4212
TO-126
Plastic Package
For Colour TV Horizontal Deflection Driver
ABSOLUTE MAXIMUM RATINGS (Tc=25ºC)
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Peak Collector Current
ICP
mA
Collector Current
IC
mA
Total Power Dissipation
PC
W
W
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
* Without heat sink
**With a 100x100x2mm A1 heat sink
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=200V, IE=0
2.0
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
2.0
µA
Collector Base Voltage
VCBO
IC=100µA, IE=0
350
V
Collector Emitter Voltage
VCEO
IC=5mA, IB=0
300
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
7.5
V
DC Current Gain
hFE
IC=10mA, VCE=10V
40
250
Collector Emitter Saturation Voltage
VCE (sat)
IC=50mA, IB=5mA
1.0
V
Dynamic Characteristics
Transition Frequency
fT
IC=10mA, VCB=30V,
50
MHz
f=200MHz
Output Capacitance
Cob
IE=0,VCB=50V, f=1MHz
4.5
pF
5.0**
150
- 55 to +150
Value
300
350
7.5
400
200
1.2*
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC4212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSC4213 ETC-CSC4213 Datasheet
66Kb / 2P
CSC4213
logo
Continental Device Indi...
CSC4217 CDIL-CSC4217 Datasheet
56Kb / 3P
TO-126 (SOT-32) Plastic Package
More results

Similar Description - CSC4212

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD73 CDIL-CSD73 Datasheet
172Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2395 CDIL-CDD2395 Datasheet
136Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC1507 CDIL-CSC1507 Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSD1833 CDIL-CSD1833 Datasheet
116Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
NPN Silicon Epitaxial Power Transistor
BD135T SEMTECH_ELEC-BD135T Datasheet
216Kb / 2P
NPN Silicon Epitaxial Power Transistor
logo
Weitron Technology
2SD313 WEITRON-2SD313 Datasheet
201Kb / 4P
NPN Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
CDL6718 CDIL-CDL6718 Datasheet
69Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2061 CDIL-CDD2061 Datasheet
139Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com