Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC3198 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC3198
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC3198 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC3198 Datasheet HTML 1Page - Continental Device India Limited CSC3198 Datasheet HTML 2Page - Continental Device India Limited CSC3198 Datasheet HTML 3Page - Continental Device India Limited CSC3198 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CC8050
CSC3198
TO-92
Plastic Package
General Purpose and Switching Application
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Base Current
IB
mA
Collector Power Dissipation
PC
mW
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=60V, IE = 0
0.1
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC = 0
0.1
µA
DC Current Gain
hFE
*IC=2mA, VCE=6V
70
700
IC=150mA, VCE=6V
25
Collector Emitter Saturation Voltage
VCE (sat)
IC=100mA, IB=10mA
0.25
V
Base Emitter Saturation Voltage
VBE (sat)
IC=100mA, IB=10mA
1.0
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Output Capacitance
Cob
IE=0, VCB=10V, f=1MHz
3.5
pF
Transition Frequency
fT
IC=1mA, VCE=10V,
80
MHz
Noise Figure
NF
VCE=6V, IC=0.1mA,
Rg=10K
Ω, f=1KHz
10
dB
Base Intrinsic Resistance
rbb'
IE=1mA, VCB=10V,
f=30MHz
50
Ω
*hFE Classification
CSC3198Rev100103E
150
O : 70 - 140,
Y : 120 - 240,
GR : 200 - 400,
BL : 350 - 700
VALUE
60
50
5
50
125
625
- 55 to +125
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC3198

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC3039 CDIL-CSC3039 Datasheet
61Kb / 3P
NPN PLASTIC POWER TRANSISTOR
CSC3063 CDIL-CSC3063 Datasheet
72Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSC3255 CDIL-CSC3255 Datasheet
118Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
logo
Rectron Semiconductor
CSC3255S RECTRON-CSC3255S Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSC3280F CDIL-CSC3280F Datasheet
89Kb / 2P
TO-3P Fully Isolated Plastic Package Transistor CDIL
More results

Similar Description - CSC3198

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com