Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2786 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2786
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2786 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2786 Datasheet HTML 1Page - Continental Device India Limited CSC2786 Datasheet HTML 2Page - Continental Device India Limited CSC2786 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2786
TO-92
Plastic Package
For use in FM RF Amplifier
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Base Current
IB
mA
Collector Current
IC
mA
Power Dissipation @ Ta=25ºC
PC
mW
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB =30V, IE = 0
100
nA
Emitter Cutoff Current
IEBO
VEB =4V, Ic = 0
100
nA
Collector Emitter Saturation Voltage
VCE(sat)
IC = 10mA, IB = 1.0mA
0.30
V
Base Emitter On Voltage
VBE(on)
VCE = 6.0V,Ic = 1.0mA
0.72
V
DC Current Gain
*hFE
VCE = 6.0V, IC = 1.0 mA
40
180
Transition Frequency
fT
VCE = 6.0V, Ic = - 1.0mA
400
MHz
Power Gain
Gpe
VCE = 6.0V, IE = - 1.0mA, RG =50kΩ
18
dB
f = 100MHz
Collector to Base Time Constant
Cc rb'b
VCE = 6.0V, IE = - 1.0mA, f=31.9MHz
15
ps
Output Capacitance
Cob
VCB = 6V, IE =0, f =1MHz
1.30
pF
Noise Figure
NF
VCE = 6.0V, IE = - 1.0mA, RG =50kΩ
5.00
dB
f = 100MHz
*hFE Classifications
4
- 55 to + 150
20
VALUE
20
30
20
250
+150
MF : 40 - 80
LF : 60 - 120
KF : 90 - 180
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC2786

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2712 CDIL-CSC2712 Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2712BL CDIL-CSC2712BL Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2712BLL CDIL-CSC2712BLL Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2712G CDIL-CSC2712G Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2712GR CDIL-CSC2712GR Datasheet
38Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CSC2786

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com