Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2371 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSC2371
Description  NPN PLASTIC POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2371 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSC2371 Datasheet HTML 1Page - Continental Device India Limited CSC2371 Datasheet HTML 2Page - Continental Device India Limited CSC2371 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Emitter-base voltage (open collector)
VEBO
max.
7.0 V
Collector current
IC
max.
100 mA
Total power dissipation up to TA = 25°C
Ptot
max.
1.25 W
Total power dissipation up to TC = 25°C
Ptot
max.
10 W
Junction temperature
Tj
max.
150 ºC
Storage temperature
Tstg
–65 to +150 ºC
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
Collector cutoff current
IE = 0; VCB = 200 V
ICBO
max.
100 nA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
100 nA
Breakdown voltages
IC = 1 mA; IB = 0
VCEO
min.
300 V
IC = 0.1 mA; IE = 0
VCBO
min.
300 V
IE = 0.1 mA; IC = 0
VEBO
min.
7 V
Saturation voltage
IC = 30 mA; IB = 3 mA
VCEsat
max.
1.5 V
D.C. current gain
IC = 10 mA; VCE = 10 V**
hFE
min.
40
max.
250
Output capacitance at f = 1MHz
IE = 0, VCB = 20V
Co
max
3.0 pF
Transition frequency
IC = 10 mA; VCE = 30 V
fT
min.
50 MHz
** hFE classification: N: 40-80 M: 60-120 L: 100-200 K: 160-250
CSC2371



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com