Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2690A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2690A
Description  NPN PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2690A Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2690A Datasheet HTML 1Page - Continental Device India Limited CSC2690A Datasheet HTML 2Page - Continental Device India Limited CSC2690A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSC2690, 2690A
NPN PLASTIC POWER TRANSISTORS
Complementary CSA1220, 1220A
Audio frequency, High Frequency and Power Amplifier
ABSOLUTE MAXIMUM RATINGS
2690
2690A
Collector-base voltage (open emitter)
VCBO
max. 120
160 V
Collector-emitter voltage (open base)
VCEO
max. 120
160 V
Collector current (DC)
IC
max.
1.2
A
Total power dissipation up to TC = 25°C
Ptot
max.
20
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 1A; IB = 0.2 A
VCEsat
max.
0.7
V
D.C. current gain
IC = 0.3 A; VCE = 5 V
hFE
min.
60
max.
320
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
2690
2690A
Collector-base voltage (open emitter)
VCBO
max. 120
160 V
Collector-emitter voltage (open base)
VCEO
max. 120
160 V
CSC2690, CSC2690A
ALL DIMENSIONS IN MM
PIN CONFIGURATION
1. EMITTER
2. COLLECTOR
3. BASE
1
3
2
TO-126 (SOT-32) Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC2690A

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CSC2690A MULTICOMP-CSC2690A Datasheet
881Kb / 4P
Single Bipolar Transistor
23/02/24 V1.0
More results

Similar Description - CSC2690A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
NPN PLASTIC POWER TRANSISTORS
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com