Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2271 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2271
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2271 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2271 Datasheet HTML 1Page - Continental Device India Limited CSC2271 Datasheet HTML 2Page - Continental Device India Limited CSC2271 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC2271
TO-92
Plastic Package
Horizontal Deflection Driver Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
BVCEO
300
V
Collector Base Voltage
BVCBO
300
V
Emitter Base Voltage
BVEBO
6V
Collector Current
IC
100
mA
Peak Collector Current
ICP
300
mA
Collector Power Dissipation
PC
750
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNIT
MIN
TYP
MAX
Collector Cut off Current
ICBO
VCB=20V, IE = 0
1.0
µA
Emitter Cut off Current
IEBO
VEB=6V, IC = 0
1.0
µA
DC Current Gain
hFE
VCE=10V,IC=10mA
40
200
Base Emitter Saturation Voltage
VBE(sat)
IC=20mA,IB=2mA
1.0
V
Collector Emitter Saturation
VCE(sat)
IC=20mA,IB=2mA
0.6
V
Voltage
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=10mA, VCE=30V
50
MHz
Collector Output Capacitance
Cob
IE=0, VCB=10V
7.5
pF
f=1MHz
hFE CLASSIFICATION :
C
D
E
40-80
60-120
100-200
VALUE
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC2271

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2229Y CDIL-CSC2229Y Datasheet
88Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
CSC2233 CDIL-CSC2233 Datasheet
56Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSC2233 RECTRON-CSC2233 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
CSC2238 RECTRON-CSC2238 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSC2238 CDIL-CSC2238 Datasheet
277Kb / 3P
TO-220 Plastic Package
More results

Similar Description - CSC2271

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com