Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2238 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2238
Description  TO-220 Plastic Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2238 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2238 Datasheet HTML 1Page - Continental Device India Limited CSC2238 Datasheet HTML 2Page - Continental Device India Limited CSC2238 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSC2238, 2238A, 2238B NPN PLASTIC POWER TRANSISTORS
Complementary 2SA968, 968A, 968B
Power Amplifier and Driver Stage Amplifier Applications
ABSOLUTE MAXIMUM RATINGS
2238
2238
2238
2238
2238 2238A
2238A
2238A
2238A
2238A 2238B
2238B
2238B
2238B
2238B
Collector-base voltage (open emitter)
VCBO
max. 160
180
200 V
Collector-emitter voltage (open base)
VCEO
max. 160
180
200 V
Collector current
IC
max.
1.5
A
Total power dissipation up to TC = 25°C
Ptot
max.
25
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 500 mA; IB = 50 mA
VCEsat max.
1.5
V
D.C. current gain
IC = 100 mA; VCE = 5 V
hFE
min
70
max.
240
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
2238
2238
2238
2238
2238 2238A
2238A
2238A
2238A
2238A 2238B
2238B
2238B
2238B
2238B
Collector-base voltage (open emitter)
VCBO
max. 160
180
200 V
Collector-emitter voltage (open base)
VCEO
max. 160
180
200 V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
Collector current
IC
max.
1.5
A
CSC2238, CSC2238A, CSC2238B
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
M IN.
M A X.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
OD E G 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC2238

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CSC2238 RECTRON-CSC2238 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Similar Description - CSC2238

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD363 CDIL-CSD363 Datasheet
264Kb / 3P
TO-220 Plastic Package
logo
Foshan Blue Rocket Elec...
LV2045CT FOSHAN-LV2045CT Datasheet
854Kb / 6P
TO-220 Plastic package Schottky diode
MBR2045CT FOSHAN-MBR2045CT Datasheet
857Kb / 6P
TO-220 Plastic package Schottky diode
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
Triac in a TO-220 Plastic Package
BT138 FOSHAN-BT138 Datasheet
954Kb / 6P
Triac in a TO-220 Plastic Package
BT151 FOSHAN-BT151 Datasheet
1Mb / 6P
Thyristor in a TO-220 Plastic Package
BTB06 FOSHAN-BTB06 Datasheet
1Mb / 8P
Triac in a TO-220 Plastic Package
BTB08 FOSHAN-BTB08 Datasheet
1Mb / 8P
Triac in a TO-220 Plastic Package
BTB10 FOSHAN-BTB10 Datasheet
1Mb / 7P
Triac in a TO-220 Plastic Package
BTB20 FOSHAN-BTB20 Datasheet
1Mb / 7P
Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com