Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC1573 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC1573
Description  NPN SILICON PLANAR TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1573 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC1573 Datasheet HTML 1Page - Continental Device India Limited CSC1573 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON PLANAR TRANSISTORS
CSC1573
CSC1573A
TO-237
BCE
High Voltage General Amplifier
CSC1573 is Complementary of CSA879
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
CSC1573 CSC1573A
UNIT
Collector -Base Voltage
VCBO
250
300
V
Collector -Emitter Voltage
VCEO
250
300
V
Emitter Base Voltage
VEBO
5.0
7.0
V
Collector Current Continuous
IC
mA
Peak
ICP
mA
Collector Power Dissipation
PC*
W
Operating And Storage Junction
Tj, Tstg
deg C
Temperature Range
*PC=750mW/Potting type:-PC=750mW
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=100uA, IB=0
CSC1573
200
-
V
CSC1573A
300
-
V
Emitter-Base Voltage
VEBO
IE=1uA, IC=0
CSC1573
5.0
-
V
CSC1573A
7.0
-
V
Collector Cut off Current
ICBO
VCB=200V, IE=0
-
2.0
uA
DC Current Gain
hFE*
IC=5mA,VCE=10V
30
220
Collector Emitter Saturation Voltage
VCE(Sat)
IC=50mA,IB=5mA
-
1.2
V
Dynamic Characteristics
Output Capacitance
Cob
VCB=10V, f=1MHz
CSC1573
-10
pF
CSC1573A
-8.0
pF
Gain Bandwidth Product
ft
VCE=10V, IC=10mA,
50
-
MHz
CLASSIFICATION
P
Q
R
hFE *
30-100
60-150
100-220
70
100
1.0
-55 to +150
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC1573

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1507 CDIL-CSC1507 Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSC1507G CDIL-CSC1507G Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSC1507O CDIL-CSC1507O Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSC1507R CDIL-CSC1507R Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSC1507Y CDIL-CSC1507Y Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
More results

Similar Description - CSC1573

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BC171 CDIL-BC171 Datasheet
221Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com