Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC945 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC945
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC945 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC945 Datasheet HTML 1Page - Continental Device India Limited CSC945 Datasheet HTML 2Page - Continental Device India Limited CSC945 Datasheet HTML 3Page - Continental Device India Limited CSC945 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CC8050
CSC945
TO-92
Plastic Package
Audio Frequency General Purpose and Driver Stage Amplifier Application
Complmentary CSA733
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Peak
ICM
mA
Base Current
IB
mA
Collector Power Dissipation
PC
mW
Derate Above 25ºC
mW/ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=60V, IE = 0
0.1
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC = 0
0.1
µA
Collector Emitter Voltage
VCEO
IC=10mA, IB = 0
50
V
Collector Base Voltage
VCBO
IC=0.1mA, IE = 0
60
V
Emitter Base Voltage
VEBO
IE=10µA, IC = 0
5.0
V
DC Current Gain
hFE
*IC=0.1mA, VCE=6V
50
**IC=1mA, VCE=6V
90
600
Collector Emitter Saturation Voltage
*VCE (sat)
IC=100mA, IB=10mA
0.3
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=100mA, IB=10mA
1.0
V
Base Emitter On Voltage
VBE (on)
IC=1mA, VCE=6V
0.55
0.65
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Output Capacitance
Cob
IE=0, VCB=6V, f=1MHz
4.0
pF
Transition Frequency
fT
IC=10mA, VCE=6V,
150
450
MHz
Noise Figure
NF
VCE=6V, IC=0.1mA,
Rg=2K
Ω, f=1KHz
15
dB
*Pulse Test: Pulse Width < 350
µµs, Duty Cycle < 2%
**hFE Classification
CSC945Rev_1 130103E
250
2.5
100
R : 90 - 180,
Q : 135 - 270,
P/G : 200 - 400,
K : 300 - 600
VALUE
60
50
5.0
20
- 55 to +125
200
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSC9803 ETC-CSC9803 Datasheet
149Kb / 1P
Pyroelectric infrared control circuit
More results

Similar Description - CSC945

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com