Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC815 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC815
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC815 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC815 Datasheet HTML 1Page - Continental Device India Limited CSC815 Datasheet HTML 2Page - Continental Device India Limited CSC815 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL TRANSISTOR
CSC815
TO-92
CBE
Low Frequency Amplifier And High Frequency Oscillator.
Complementary CSA539
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
45
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
200
mA
Collector Power Dissipation
PC
400
mW
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Base Voltage
VCBO
IC=100uA,IE=0
60
-
-
V
Collector -Emitter Voltage
VCEO
IC=10mA,IB=0
45
-
-
V
Emitter Base Voltage
VEBO
IE=10uA, IC=0
5
-
-
V
Collector Cut off Current
ICBO
VCB=45V, IE=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=3V, IC=0
-
-
100
nA
Base Emitter On Voltage
VBE(on)
VCE=10V,IC=10mA
0.6
-
0.90
V
Collector Emitter Saturation Voltage
VCE(Sat)
IC=150mA,IB=15mA
-
-
0.40
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=150mA,IB=15mA
-
-
1.1
V
DC Current Gain
hFE
IC=50mA, VCE=1V
40
-
400
Dynamic Characteristics
Transition Frequency
ft
VCE=10V,IC=10mA,
100
-
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
4.0
-
pF
f=1MHz
hFE CLASSIFICATION
R: 40-80
Q: 70-140
Y: 120-240
G: 200-400
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC815

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CSC8002 YONGFUKANG-CSC8002 Datasheet
198Kb / 3P
Audio power amplifier with off mode
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
Class D audio power amplifier
More results

Similar Description - CSC815

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com