Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB1626 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB1626
Description  PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB1626 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB1626 Datasheet HTML 1Page - Continental Device India Limited CSB1626 Datasheet HTML 2Page - Continental Device India Limited CSB1626 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
CSB1626
TO-220
Plastic Package
Complementary CSD2495
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage(open emitter)
VCBO
110
V
Collector -Emitter Voltage(open base)
VCEO
110
V
Emitter Base Voltage(open collector)
VEBO
5.0
V
Collector Current
IC
6.0
A
Base Current
IB
1.0
A
Total Power Dissipation upto Tc=25ºC
Ptot
30
W
Junction Temperature
Tj
150
ºC
Storage Temperature
Tstg
-65 to +150
ºC
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=110V, IE=0
100
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
2mA
Breakdown Voltages
VCEO
IC=30mA, IB=0
110
V
Collector Emitter Saturation Voltage
VCE(sat)
IC=5A, IB=5mA
2.5
V
VBE(sat)
IC=5A, IB=5mA
3V
DC Current Gain
hFE
IC=5A,VCE=4V
530
K
O/P
hFE
520
K
Transistors frequency
fT
IC=0.5A,VCE=12V
60
MHz
Output Capacitance
Cob
VCB=10V,IE=0,f=1MHz
55
pF
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSB1626

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CSB16C04 CET-CSB16C04 Datasheet
288Kb / 2P
16 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - CSB1626

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Toshiba Semiconductor
2SB1067 TOSHIBA-2SB1067_06 Datasheet
192Kb / 5P
Silicon PNP Epitaxial Type (Darlington Power Transistor)
logo
Renesas Technology Corp
2SA1193 RENESAS-2SA1193 Datasheet
161Kb / 6P
Silicon PNP Epitaxial, Darlington
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP147TU FAIRCHILD-TIP147TU Datasheet
175Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
logo
Fairchild Semiconductor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
PNP Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com