Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0018 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0018
Description  E-Series 1:4 RF Flux Coupled Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0018 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABACT0018 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0018 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0018 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
E-Series 1:4 RF Flux Coupled Transformer
5.0-200 MHz
M/A-COM Products
Release - Rev. V2
MABACT0018
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
1. Exceeding any one or combination of these limits may cause permanent damage to this device.
2. M/A-COM does not recommend sustained operation near these survivability limits.
Parameter
Frequency
(MHz)
Units
Typ
Min
Max
Frequency Range
5 - 65
65 - 200
-
-
-
-
-
-
-
-
Insertion Loss
5 - 65
65 - 200
dB
dB
0.4
0.9
-
-
0.7
1.5
Amp Balance
5 - 65
65 - 200
dB
dB
0.02
0.20
-
-
0.1
0.5
Phase Balance
5 - 65
65 - 200
Deg
Deg
0.4
2.0
-
-
2.0
8.0
Input Return Loss
5 - 65
65 - 200
dB
dB
22.0
11.0
15.0
7.0
-
-
Electrical Specifications: TA = 25°C
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
200 mA
Storage Temperature
-40° to +85° C
Operating Temperature
-40° to +85° C
Pin Temp. (10sec)
260°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com