Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0062 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0062
Description  Transformer, 1:1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0062 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MABACT0062 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0062 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0062 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0062 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Transformer, 1:1
3 MHz - 200 MHz
Rev. V4
MABACT0062
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RELEASED
Part Number
Description
MABA CT0062
Tape & Reel
MABA-008115-CT62TB
Customer Evaluation Board
Ordering Information
Rev
Date
Description
By
V4
10 May 2010
Corrected the case style drawing and changed to the new format
MOC
ECO History
Recommended Maximum Ratings
Parameter
Units
Max
Input Power
mW
250
DC Current
mA
200
Operating Temperature Range
ºC
+85
Storage Temperature Range
ºC
+125
Min
-40
-55
Tape & Reel Information
Parameter
Units
Value
Qty per reel
-
2000
Reel Size
mm
330
Tape Width
mm
12.00
Pitch
mm
8.00
Ao
mm
4.00
Bo
mm
4.00
Ko
mm
2.90
Orientation
-
F5
Reference Application Note ANI-019 for orientation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com