Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3CU13 Datasheet(PDF) 1 Page - Altech corporation

Part # 3CU13
Description  V-EA-Series - UL508 Manual Motor Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

3CU13 Datasheet(HTML) 1 Page - Altech corporation

  3CU13 Datasheet HTML 1Page - Altech corporation 3CU13 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V-EA-Series - UL508 Manual Motor Controller -
3 pole C-Trip
Three Pole
Standard Pack: 4
Weight:
0.3A - 63A
1.68kg (3.7 lb.)
35 mm
(1.38 in.)
70 mm
(2.76 in.)
35 mm
(1.38 in.)
91.5 mm
(3.60 in.)
UL508 Listed
E137938
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-C Trip
0.3A Through 10A Rated Current
1
23 4 5 68 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 145% RC
“Must Not Trip” > 1 hr = 113% RC
1.13-1.45xI
N
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
V-EA-C Trip
13A Through 63A Rated Current
12
3 4 5 68 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 145% RC
“Must Not Trip” > 1 hr = 113% RC
1.13-1.45xI
N
Rated
Type/
Current
Cat. No.
Approvals
0.3A
3CU03
0.5A
3CU05
0.75A
3CU075
0.8A
NA
1.0A
3CU1
1.6A
3CU1.6
2.0A
3CU2
2.5A
3CU2.5
3.0A
3CU3
3.5A
3CU3.5
4.0A
3CU4
5.0A
3CU5
6.0A
3CU6
8.0A
3CU8
10A
3CU10
12A
NA
12.5A
NA
13A
3CU13
15A
3CU15
16A
3CU16
20A
3CU20
25A
3CU25
30A
3CU30
32A
3CU32
40A
3CU40
50A
3CU50
60A
3CU60
63A
3CU63
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
UL
Voltage Rating
Short Circuit Withstand Rating
(UL/CSA - Ratings)
Group Short Circuit Withstand Rating
(UL/CSA - Ratings)
Interrupting Capacity (VDE - Ratings)
Calibration Temperature
Terminal Size Acceptability
Terminal Torque
Terminal Protection Degree
480Y/277VAC
0.3-25A: 1 pole - 42VDC; 2 Pole - 80VDC
30-60A: 1 pole - 24VDC; 2 Pole - 60VDC
0.3-60A (RC): 10kA with UL-listed
RK5 back-up fuse or MCCB
0.3-10A (RC): 10kA; 12-60A (RC): 5kA
no branch circuit protection required
0.3-63A (RC): 10kA
40°C (104°F)
Top: 18-3 AWG; Bottom: 18-2 AWG
20 lb.in.
IP20
short circuit Withstand ratings for v-ea manual motor controller
Backup
UL-Listed
UL-Listed
No BCP
Trip
Protection
RK5-Fuse
MCCB
Required
Curve
Amp Range
up to 10kA
up to 10kA
up to:
all
0.3 - 10A
4xRC*
4xRC*
10kA
min 15A, max 70A
min 15A, max 70A
all
12 - 30/32A
4xRC*
4xRC*
5kA
max 125A
max 125A
all
40 - 50A
4xRC*
4xRC*
5kA
max 200A
max 200A
all
60 / 63A
4xRC*
4xRC*
5kA
max 250A
max 250A
*up to nearest rated current
For ring tongue terminal version, replace “U”
with “R” in part number. For example 1BR20
instead of 1BU20.


Similar Part No. - 3CU13

ManufacturerPart #DatasheetDescription
logo
Altech corporation
3CU13R ALTECH-3CU13R Datasheet
142Kb / 2P
R-Series - UL1077 Supplementary Protector
More results

Similar Description - 3CU13

ManufacturerPart #DatasheetDescription
logo
Altech corporation
1C03UM ALTECH-1C03UM Datasheet
604Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
1D03UM ALTECH-1D03UM Datasheet
354Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
1E03UM ALTECH-1E03UM Datasheet
661Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
1G03UM ALTECH-1G03UM Datasheet
660Kb / 2P
V-EA-Series - UL508 Manual Motor Controller -
2B1UM ALTECH-2B1UM Datasheet
631Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
2C03UM ALTECH-2C03UM Datasheet
551Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
2DU03 ALTECH-2DU03 Datasheet
230Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
2E03UM ALTECH-2E03UM Datasheet
595Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
3C03UM ALTECH-3C03UM Datasheet
561Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
3D03UM ALTECH-3D03UM Datasheet
547Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com