Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3LU Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P3LU
Description  PM1-SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P3LU Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P3LU_14 Datasheet HTML 1Page - PEAK electronics GmbH P3LU_14 Datasheet HTML 2Page - PEAK electronics GmbH P3LU_14 Datasheet HTML 3Page - PEAK electronics GmbH P3LU_14 Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PM1-Series – P3LU-xxxxE/Z(Hxx)LF – Single and Dual Output – SIP7 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
Selection Guide
Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC
)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
ren
t Fu
ll Lo
ad (
mA
)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
)²
DUAL OUTPUT
P3LU-053R3ZLF
5
30
166
± 3.3
± 75.7
60
± 100
P3LU-0505ZLF
5
30
135
± 5
± 50
74
± 100
P3LU-057R2ZLF
5
30
129
± 7.2
± 34.7
77
± 100
P3LU-0509ZLF
5
30
128
± 9
± 27.7
78
± 100
P3LU-0512ZLF
5
30
128
± 12
± 20.8
78
± 100
P3LU-0515ZLF
5
30
128
± 15
± 16.7
78
± 100
P3LU-0518ZLF
5
30
126
± 18
± 13.9
79
± 100
P3LU-0524ZLF
5
30
126
± 24
± 10.4
79
± 100
P3LU-123R3ZLF
12
20
69
± 3.3
± 75.7
60
± 100
P3LU-1205ZLF
12
20
56
± 5
± 50
74
± 100
P3LU-127R2ZLF
12
20
54
± 7.2
± 34.7
77
± 100
P3LU-1209ZLF
12
20
53
± 9
± 27.7
78
± 100
P3LU-1212ZLF
12
20
53
± 12
± 20.8
78
± 100
P3LU-1215ZLF
12
20
53
± 15
± 16.7
78
± 100
P3LU-1218ZLF
12
20
52
± 18
± 13.9
80
± 100
P3LU-1224ZLF
12
20
52
± 24
± 10.4
80
± 100
P3LU-243R3ZLF
24
10
35
± 3.3
± 75.7
60
± 100
P3LU-2405ZLF
24
10
28
± 5
± 50
74
± 100
P3LU-247R2ZLF
24
10
27
± 7.2
± 34.7
76
± 100
P3LU-2409ZLF
24
10
27
± 9
± 27.7
76
± 100
P3LU-2412ZLF
24
10
26
± 12
± 20.8
78
± 100
P3LU-2415ZLF
24
10
26
± 15
± 16.7
78
± 100
P3LU-2418ZLF
24
10
26
± 18
± 13.9
78
± 100
P3LU-2424ZLF
24
10
26
± 24
± 10.4
80
± 100
P3LU-483R3ZLF
48
6
17
± 3.3
± 75.7
60
± 100
P3LU-4805ZLF
48
6
14
± 5
± 50
74
± 100
P3LU-487R2ZLF
48
6
13
± 7.2
± 34.7
76
± 100
P3LU-4809ZLF
48
6
13
± 9
± 27.7
76
± 100
P3LU-4812ZLF
48
6
13
± 12
± 20.8
76
± 100
P3LU-4815ZLF
48
6
13
± 15
± 16.7
77
± 100
P3LU-4818ZLF
48
6
13
± 18
± 13.9
77
± 100
P3LU-4824ZLF
48
6
13
± 24
± 10.4
79
± 100
If you need other specifications, please enquire.
*OPTIONS:
H40 = 4000 VDC ISOLATION
H52 = 5200 VDC ISOLATION
H60 = 6000 VDC ISOLATION
For other I/O Isolation please see
table on the left hand side and add
“Hxx” before LF
(P3LU-2412ZH40LF for 4KV)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com