Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3707ZCS Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3707ZCS
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3707ZCS Datasheet(HTML) 1 Page - International Rectifier

  IRF3707ZCS Datasheet HTML 1Page - International Rectifier IRF3707ZCS Datasheet HTML 2Page - International Rectifier IRF3707ZCS Datasheet HTML 3Page - International Rectifier IRF3707ZCS Datasheet HTML 4Page - International Rectifier IRF3707ZCS Datasheet HTML 5Page - International Rectifier IRF3707ZCS Datasheet HTML 6Page - International Rectifier IRF3707ZCS Datasheet HTML 7Page - International Rectifier IRF3707ZCS Datasheet HTML 8Page - International Rectifier IRF3707ZCS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.irf.com
1
12/04/03
IRF3707ZCS
IRF3707ZCL
HEXFET® Power MOSFET
Notes
 through † are on page 11
Applications
Benefits
l Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
D2Pak
IRF3707ZCS
TO-262
IRF3707ZCL
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
PD @TC = 100°C Maximum Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.653
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
g
–––
40
300 (1.6mm from case)
-55 to + 175
10 lbf
xin (1.1 Nxm)
57
0.38
28
Max.
59
h
42
h
230
± 20
30
VDSS RDS(on) max Qg
30V
9.5m
:
9.7nC
PD - 94784B


Similar Part No. - IRF3707ZCS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3707ZCS IRF-IRF3707ZCS Datasheet
365Kb / 11P
HEXFET Power MOSFET
IRF3707ZCSPBF IRF-IRF3707ZCSPBF Datasheet
347Kb / 11P
HEXFET Power MOSFET
More results

Similar Description - IRF3707ZCS

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRLU8721 KERSEMI-IRLU8721 Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com