Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78P458
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78P458 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
EM78P458/459
OTP ROM
• "JMP" instruction allows the direct loading of the lower 10 program counter bits. Thus, "JMP" allows
PC to jump to any location within a page.
• "CALL" instruction loads the lower 10 bits of the PC, and then PC+1 is pushed into the stack. Thus,
the subroutine entry address can be located anywhere within a page.
• "RET" ("RETL k", "RETI") instruction loads the program counter with the contents of the top of stack.
• "ADD R2, A" allows a relative address to be added to the current PC, and the ninth and tenth bits of
the PC are cleared.
• "MOV R2, A" allows to load an address from the "A" register to the lower 8 bits of the PC, and the
ninth and tenth bits of the PC are cleared.
• Any instruction that is written to R2 (e.g. "ADD R2, A", "MOV R2, A", "BC R2, 6",
⋅⋅⋅⋅⋅) will cause the
ninth bit and the tenth bit (A8~A9) of the PC to be cleared. Thus, the computed jump is limited to the
first 256 locations of a page.
• In the case of EM78P458/459, the most two significant bits (A11 and A10) will be loaded with the
content of PS1 and PS0 in the status register (R3) upon the execution of a "JMP", "CALL", or any
other instructions set which write to R2.
• All instructions are single instruction cycle (fclk/2 or fclk/4) except for the instructions which write to
R2, need one more instruction cycle.
A9 ~ A0
Stack Level 0
Stack Level 2
Stack Level 1
Stack Level 3
Stack Level 4
000H
FFFH
008H
Interrupt Vector
Reset Vector
A11, A10
On-chip Program Memory
PC
Page 0
Page 1
Page 2
Page 3
00
01
10
11
Stack Level 5
Stack Level 6
Stack Level 7
0 0 0
3 F F
4 0 0
7 F F
8 0 0
B F F
C 0 0
F F F
Fig. 3 Program Counter Organization
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com