Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P459 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P459
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P459 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P459 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P459 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
EM78P458/459
OTP ROM
following events occur on the next increment cycle:
• TMRX is cleared.
• The PWMX pin is set to 1.
• The PWM duty cycle is latched from DT1/DT2 to DTL1/DTL2.
< Note > The PWM output will not be set, if the duty cycle is 0;
• The PWMXIF pin is set to 1.
The following formula describes how to calculate the PWM period:
PERIOD = (PRDX + 1) * 4 * (1/Fosc) * (TMRX prescale value )
4. PWM Duty Cycle ( DTX: DT1H/ DT1L and DT2H/ DT2L; DTL: DL1H/DL1L and
DL2H/DL2L )
The PWM duty cycle is defined by writing to the DTX register, and is latched from DTX to DLX while
TMRX is cleared. When DLX is equal to TMRX, the PWMX pin is cleared. DTX can be loaded at any
time. However, it cannot be latched into DTL until the current value of DLX is equal to TMRX.
The following formula describes how to calculate the PWM duty cycle:
Duty Cycle = (DTX) * (1/Fosc) * (TMRX prescale value )
5. Comparator X
To change the output status while the match occurs, the TMRXIF flag will be set at the same time.
6. PWM Programming Procedures/Steps
(1) Load PRDX with the PWM period..
(2) Load DTX with the PWM Duty Cycle.
(3) Enable interrupt function by writing IOCF0, if required.
(4) Set PWMX pin to be output by writing a desired value to IOC51.
(5) Load a desired value to IOC51 with TMRX prescaler value and enable both PWMX and TMRX.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com