Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB1436 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB1436
Description  PNP SILICON PLASTIC POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB1436 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB1436 Datasheet HTML 1Page - Continental Device India Limited CSB1436 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP SILICON PLASTIC POWER TRANSISTOR
CSB1436
(9AW)
TO126
MARKING : CDIL
B1436
R
Low Freq.Power AMP.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
30
V
Collector -Emitter Voltage
VCEO
20
V
Emitter Base Voltage
VEBO
6
V
Collector Current (DC)
IC
5
A
Pulse*
10
A
Collector Power Dissipation
PC
1.5
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
*Single Pulse Pw=10ms
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
20
-
-
V
Collector Base Voltage
VCBO
IC=50uA, IE=0
30
-
-
V
Emitter Base Voltage
VEBO
IE=50uA,IC=0
6
-
-
V
Collector Cut off Current
ICBO
VCB=20V, IE=0
-
-
500
nA
ICEO
VCE=20V,IB=0
-
-
1
uA
Emitter Cut off Current
IEBO
VBE=5V,IC=0
-
-
500
nA
Collector Emitter Saturation Voltage
VCE(Sat)** IC=4A,IB=0,1A
-
-
1
V
DC Current Gain
hFE
IC=0.5A, VCE=2V
82
-
390
Dynamic Characteristics
Transition Frequency
ft
VCE=6V,IC=50mA,
-
120
-
MHz
f=100MHz
Collector Output Capacitance
Cob
VCB=20V, IE=0
-
60
-
pF
f=1MHz
hFE CLASSIFICATION
P : 82-180;
Q : 120-270;
R: 180-390
**Pulse Test
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSB1436

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB1426 CDIL-CSB1426 Datasheet
159Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - CSB1436

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD180 MOTOROLA-BD180 Datasheet
105Kb / 4P
Plastic Medium Power Silicon PNP Transistor
BD802 MOTOROLA-BD802 Datasheet
94Kb / 4P
Plastic High Power Silicon PNP Transistor
BD808 MOTOROLA-BD808 Datasheet
104Kb / 4P
Plastic High Power Silicon PNP Transistor
logo
Continental Device Indi...
CFB810 CDIL-CFB810 Datasheet
47Kb / 2P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CP1342 CDIL-CP1342 Datasheet
115Kb / 3P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4918 NJSEMI-2N4918 Datasheet
136Kb / 1P
MEDIUM-POWER PLASTIC PNP SILICON TRANSISTOR
logo
Continental Device Indi...
CSA1293 CDIL-CSA1293 Datasheet
327Kb / 3P
PNP SILICON PLASTIC POWER TRANSISTOR
CP107 CDIL-CP107 Datasheet
119Kb / 3P
PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
MJE350 NJSEMI-MJE350 Datasheet
72Kb / 2P
Plastic Medium Power PNP Silicon Transistor
logo
ON Semiconductor
MJE371G ONSEMI-MJE371G Datasheet
101Kb / 3P
Plastic Medium-Power PNP Silicon Transistor
December, 2013 ??Rev. 9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com