Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB1426 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB1426
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB1426 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB1426 Datasheet HTML 1Page - Continental Device India Limited CSB1426 Datasheet HTML 2Page - Continental Device India Limited CSB1426 Datasheet HTML 3Page - Continental Device India Limited CSB1426 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CSB1426
TO-92
Plastic Package
Low Frequency Power Amplifier
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
UNIT
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Collector Current Pulse
*IC
A
Collector Power Dissipation
PC
mW
Operating And Storage Junction
Temperature Range
* Single pulse PW=10ms
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=50µA, IE=0
20
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
20
V
Emitter Base Voltage
VEBO
IE=50µA, IC=0
6
V
Collector Cut off Current
ICBO
VCB=20V, IE = 0
100
nA
Emitter Cut off Current
IEBO
VEB=5V, IC = 0
100
nA
DC Current Gain
hFE
VCE=2V, IC=100mA
82
390
Collector Emitter Saturation Voltage
**VCE (sat)
IC=2A, IB=0.1A
0.5
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Transition Frequency
fT
IC=0.5A, VCE=2V,
f=100MHz
240
MHz
Output Capacitance
Cob
IE=0, VCB=10V, f=1MHz
35
pF
Classification
P
Q
R
hFE
82 - 180
120 - 270
180 - 390
**Pulse test
CSB1426 Rev_1 150405E
3
750
Tj, Tstg
- 55 to +150
ºC
5
VALUE
20
20
6
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSB1426

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB1436 CDIL-CSB1436 Datasheet
70Kb / 2P
PNP SILICON PLASTIC POWER TRANSISTOR
More results

Similar Description - CSB1426

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com