Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB1116 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB1116
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB1116 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB1116 Datasheet HTML 1Page - Continental Device India Limited CSB1116 Datasheet HTML 2Page - Continental Device India Limited CSB1116 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSB1116
CSB1116A
TO-92
BCE
Audio Frequency Power Amplifier And Medium Speed Switching
Complementary CSD1616/1616A
ABSOLUTE MAXIMUM RATINGS(Ta=25 deg C)
DESCRIPTION
SYMBOL
CSB1116
CSB1116A
UNIT
Collector -Base Voltage
VCBO
60
80
V
Collector -Emitter Voltage
VCEO
50
60
V
Emitter Base Voltage
VEBO
V
Collector Current DC
IC
A
Collector Current Pulse
IC*
A
Collector Dissipation
PC
W
Operating And Storage Junction
Tj, Tstg
deg C
Temperature Range
*PW=10ms, duty Cycle=50%
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=60V, IE=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=6V, IC=0
-
-
100
nA
DC Current Gain
CSB1116
hFE(1) *
IC=100mA, VCE=2V
135
600
CSB1116A
135
400
hFE(2) *
IC=1A, VCE=2V
81
-
-
Base Emitter On Voltage
VBE(on)*
VCE=2V,IC=50mA
0.60
-
0.70
V
Collector Emitter Saturation Voltage
VCE(Sat) * IC=1A, IB=50mA
-
-
0.35
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=1A, IB=50mA
-
-
1.2
V
Dynamic Characteristics
Transition Frequency
ft
VCE=2V,IC=100mA,
70
-
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
25
-
pF
f=1MHz
SWITCHING TIMES
Turn on time
ton
VCC=10V,IC=100mA
-
0.07
-
us
Storage time
tstg
IB1=IB2=10mA,
-
0.7
-
us
Fall time
tf
VBE(off)2=3V
-
0.07
-
us
hFE(1) CLASSIFICATION CSB1116
Y: 135-270
G: 200-400
L: 300-600
*Pulse Test : PW=350us, Duty Cycle=2% Pulsed
0.75
55 to +150
6
1
2
Continental Device India Limited
Data Sheet
Page 1 of 3
E C
B
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSB1116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSB110-886C ETC2-CSB110-886C Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
CSB110-886C ETC2-CSB110-886C Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
CSB110-886M ETC2-CSB110-886M Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
CSB110-886M ETC2-CSB110-886M Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
CSB110-902 ETC2-CSB110-902 Datasheet
328Kb / 1P
Compact Embedded PC with 3rd Generation Intel
More results

Similar Description - CSB1116

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com