Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB764PNP Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB764PNP
Description  EPITAXIAL PLANAR SILICON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB764PNP Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB764PNP Datasheet HTML 1Page - Continental Device India Limited CSB764PNP Datasheet HTML 2Page - Continental Device India Limited CSB764PNP Datasheet HTML 3Page - Continental Device India Limited CSB764PNP Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EPITAXIAL PLANAR SILICON TRANSISTORS
CSB764 PNP
CSD863 NPN
TO-92L
Plastic Package
Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC )
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Peak Collector Current
ICP
A
Collector Power Dissipation
PC
W
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Base Voltage
VCBO
IC=10µA, IE=0
60
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
50
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5.0
V
Collector Cut Off Current
ICBO
VCB=50V, IE=0
1.0
µA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
1.0
µA
DC Current Gain
*hFE
IC=50mA, VCE=2V
60
320
hFE
IC=1A, VCE=2V
30
Collector Emitter Saturation Voltage
VCE (sat)
IC=500mA, IB=50mA
NPN
0.5
V
PNP
0.7
V
Base Emitter Saturation Voltage
VBE (sat)
IC=500mA, IB=50mA
1.2
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
VCE=10V, IC=50mA
MHz
Output Capacitance
Cob
VCB=10V,IE=0, f=1MHz
NPN
pF
PNP
pF
CLASSIFICATION
D
E
*hFE
60 - 120
100 - 200
CSB764_CSD863Rev020206E
VALUE
60
50
5.0
1.0
0.9
150
2.0
F
160 - 320
TYP12
TYP20
- 55 to +150
TYP150
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSB764PNP

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB772 CDIL-CSB772 Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching
CSB772E CDIL-CSB772E Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching
CSB772P CDIL-CSB772P Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching
CSB772Q CDIL-CSB772Q Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching
CSB772R CDIL-CSB772R Datasheet
136Kb / 3P
Audio Frequency Power Amplifier and Low Speed Switching
More results

Similar Description - CSB764PNP

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com