Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB649 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSB649
Description  PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB649 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSB649 Datasheet HTML 1Page - Continental Device India Limited CSB649 Datasheet HTML 2Page - Continental Device India Limited CSB649 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
649
649
649
649
649
649A
649A
649A
649A
649A
669
669
669
669
669
669A
669A
669A
669A
669A
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
Collector current
IC
max.
1.5
A
Collector current (peak)
ICP
max.
3.0
mA
Total power dissipation up to TA = 25 C
PC
max.
1.0
W
Total power dissipation up to TC = 25 C
PC
max.
20
W
Junction temperature
Tj
max.
150
ÀC
Storage temperature
Tstg
65 to +150
ÀC
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Tamb = 25 C unless otherwise specified
649
649
649
649
649
649A
649A
649A
649A
649A
669
669
669
669
669
669A
669A
669A
669A
669A
Collector cutoff current
IE = 0; VCB = 160 V
ICBO
max.
10
øA
Breakdown voltages
IC = 10 mA; IB = 0
VCEO
min.
120
160 V
IC = 1 mA; IE = 0
VCBO
min.
180
180 V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltage
IC = 500 mA; IB = 50 mA
VCEsat*
max.
1.0
V
Base-emitter voltage
IC = 150 mA; VCE = 5 V
VBE(on)*
max.
1.5
V
D.C. current gain
IC = 150 mA; VCE = 5 V
hFE*(1)
min.
60
60
max. 320
200
IC = 500 mA; VCE = 5 V
hFE
min.
30
Transition frequency
IC = 150 mA; VCE = 5 V
fT
typ.
140
MHz
Output capacitance
VCB = 10 V; IE = 0; f = 1 MHz PNP
PNP
PNP
PNP
PNP
Cob
typ.
27
pF
NPN
NPN
NPN
NPN
NPN
Cob
typ.
14
pF
*****(1)
(1)
(1)
(1)
(1) hhhhhFE
FE
FE
FE
FE classification:
classification:
classification:
classification:
classification:
Non-A
Non-A
Non-A
Non-A
Non-A
B 60 - 120, C 100 - 200, D 160
B 60 - 120, C 100 - 200, D 160
B 60 - 120, C 100 - 200, D 160
B 60 - 120, C 100 - 200, D 160
B 60 - 120, C 100 - 200, D 160
- 320
- 320
- 320
- 320
- 320
A
A
A
A
A
B 60 - 120, C 100 - 200
B 60 - 120, C 100 - 200
B 60 - 120, C 100 - 200
B 60 - 120, C 100 - 200
B 60 - 120, C 100 - 200
* Pulse test
* Pulse test
* Pulse test
* Pulse test
* Pulse test
CSB649, CSB649A
CSD669, CSD669A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com