Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB621 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB621
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB621 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB621 Datasheet HTML 1Page - Continental Device India Limited CSB621 Datasheet HTML 2Page - Continental Device India Limited CSB621 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CSB621, CSB621A
TO-92
Plastic Package
AF Output Amplifier
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
CSB621
UNITS
Collector Emitter Voltage
VCEO
25
V
Collector Base Voltage
VCBO
30
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current Peak
ICP
1.5
A
Collector Current
IC
1.0
A
Power Dissipation @ Ta=25ºC
*PC
750
mW
Junction Temperature
Tj
150
ºC
Storage Temperature Range
Tstg
- 55 to +150
ºC
*PC=600mW/Potting type: PC=600mW
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut off Current
ICBO
VCB=20V, IE = 0
0.1
µA
Collector Base Voltage
VCBO
IC=10µA, IE=0
CSB621
30
V
CSB621A
60
V
Collector Emitter Voltage
VCEO
IC=2mA, IB=0
CSB621
25
V
CSB621A
50
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5
V
DC Current Gain
*hFE
VCE=10V, IC=500mA
85
340
hFE
VCE=5V, IC=1A
50
Collector Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
0.4
V
Base Emitter Saturation Voltage
VBE(sat)
IC=500mA, IB=50mA
1.2
V
Transition Frequency
fT
IC=50mA, VCE=10V
200
MHz
Output Capacitance
Cob
IE=0, VCB=10V,f=1MHz
30
pF
*hFE Classifications
Q : 85 - 170
R : 120 - 240
S : 170 - 340
CSB621A
50
60
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSB621

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB631 CDIL-CSB631 Datasheet
125Kb / 3P
PNP PLASTIC POWER TRANSISTORS
CSB631K CDIL-CSB631K Datasheet
125Kb / 3P
PNP PLASTIC POWER TRANSISTORS
CSB649 CDIL-CSB649 Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
logo
Multicomp Pro
CSB649 MULTICOMP-CSB649 Datasheet
2Mb / 5P
Single Bipolar Transistor
23/02/24 V1.0
logo
Continental Device Indi...
CSB649A CDIL-CSB649A Datasheet
92Kb / 3P
PLASTIC POWER TRANSISTORS
More results

Similar Description - CSB621

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com