Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD669A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD669A
Description  PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD669A Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD669A Datasheet HTML 1Page - Continental Device India Limited CSD669A Datasheet HTML 2Page - Continental Device India Limited CSD669A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSB649, 649A
PNP PLASTIC POWER TRANSISTORS
CSD669, 669A
NPN PLASTIC POWER TRANSISTORS
Low frequency Power Amplifier
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
649
649
649
649
649
649A
649A
649A
649A
649A
669
669
669
669
669
669A
669A
669A
669A
669A
Collector-base voltage (open emitter)
VCBO
max. 180
180 V
Collector-emitter voltage (open base)
VCEO
max. 120
160 V
Collector current
IC
max.
1.5
A
Total power dissipation up to TC = 25 C
PC
max.
20
W
Junction temperature
Tj
max.
150
C
Collector-emitter saturation voltage
IC = 0.5 A; IB = 50 mA
VCEsat
max.
1.0
V
D.C. current gain
IC = 150 mA; VCE = 5 V
hFE
min.
60
60
max. 320
200
RATINGS
RATINGS
RATINGS
RATINGS
RATINGS (at TA=25 C unless otherwise specified)
Limiting values
Collector-base voltage (open emitter)
VCBO
max. 180
180 V
Collector-emitter voltage (open base)
VCEO
max. 120
160 V
CSB649, CSB649A
CSD669, CSD669A
ALL DIMENSIONS IN MM
PIN CONFIGURATION
1. EMITTER
2. COLLECTOR
3. BASE
1
3
2
TO-126 (SOT-32) Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSD669A

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CSD669 MULTICOMP-CSD669 Datasheet
2Mb / 5P
Single Bipolar Transistor
23/02/24 V1.0
More results

Similar Description - CSD669A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
TIP100 TEL-TIP100 Datasheet
75Kb / 2P
PLASTIC POWER TRANSISTORS
TIP120 TEL-TIP120 Datasheet
80Kb / 3P
PLASTIC POWER TRANSISTORS
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N6121 CDIL-2N6121 Datasheet
269Kb / 3P
PLASTIC POWER TRANSISTORS
2N6107 CDIL-2N6107 Datasheet
100Kb / 4P
PLASTIC POWER TRANSISTORS
TIP100 CDIL-TIP100 Datasheet
320Kb / 3P
PLASTIC POWER TRANSISTORS
BD905 CDIL-BD905 Datasheet
127Kb / 4P
PLASTIC POWER TRANSISTORS
BD533 CDIL-BD533 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
BD202 CDIL-BD202 Datasheet
77Kb / 3P
PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
MMDJ3P03BJT ONSEMI-MMDJ3P03BJT Datasheet
210Kb / 7P
Plastic Power Transistors
August, 2006 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com