Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAL1013 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSAL1013
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSAL1013 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSAL1013 Datasheet HTML 1Page - Continental Device India Limited CSAL1013 Datasheet HTML 2Page - Continental Device India Limited CSAL1013 Datasheet HTML 3Page - Continental Device India Limited CSAL1013 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
CSAL1013 PNP
CSCL2383 NPN
TO-92L
Plastic Package
Colour TV Audio output and Vertical Deflecfion Output
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Base Current
IB
A
Collector Power Dissipation @ Ta=25ºC
PC
W
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=150V, IE = 0
1.0
µA
Emitter Cut Off Current
IEBO
VEB=6V, IC = 0
1.0
µA
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
160
V
DC Current Gain
*hFE
VCE=5V, IC=200mA
60
320
Collector Emitter Saturation Voltage
*VCE (sat)
IC=500mA, IB=50mA
1.5
V
Base Emitter On Voltage
VBE (on)
IC=5mA, VCE=5V
0.45
0.75
V
Transition Frequency
fT
IC=200mA, VCE=5V
NPN
20
MHz
PNP
15
MHz
Output Capacitance
Cob
IE=0, VCB=10V, f=1MHz
NPN
20
pF
PNP
35
pF
hFE Classification
CSAL1013_CSCL2383Rev_1 130105E
*Pulse Test: Pulse Width <300
µµs, Duty Cycle<2%
0.9
- 55 to +150
150
VALUE
160
R : 60 - 120,
O : 100 - 200 ,
Y : 160 - 320
160
6
1.0
0.5
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSAL1013

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSAL928A CDIL-CSAL928A Datasheet
704Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CSAL928APNP CDIL-CSAL928APNP Datasheet
704Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Murata Manufacturing Co...
CSALF4M00G55-B0 MURATA-CSALF4M00G55-B0 Datasheet
343Kb / 11P
Specification of Piezoelectic Ceramic Resonator
CSALF8M00T55-B0 MURATA-CSALF8M00T55-B0 Datasheet
359Kb / 13P
Specification of Piezoelectric Ceramic Resonator
CSALS16M0X55-A0 MURATA-CSALS16M0X55-A0 Datasheet
184Kb / 3P
stable over a wide temperature range
More results

Similar Description - CSAL1013

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com