Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC2655 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC2655
Description  COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC2655 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC2655 Datasheet HTML 1Page - Continental Device India Limited CSC2655 Datasheet HTML 2Page - Continental Device India Limited CSC2655 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSA1020 PNP
CSC2655 NPN
TO-92
Plastic Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
VCEO
50
V
Collector Base Voltage
VCBO
50
V
Emitter Base Voltage
VEBO
5V
Collector Current
IC
2A
Collector Power Dissipation
PC
900
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
min
typ
max
UNIT
Collector Emitter Voltage
BVCEO
IC=10mA,IB=0
50
-
V
Collector Cut off Current
ICBO
VCB=50V, IE = 0
-
1.0
µA
Emitter Cut off Current
IEBO
VEB=5V, IC = 0
-
1.0
µA
DC Current Gain
hFE
VCE=2V,IC=500mA *
70
240
VCE=2V,IC=1.5A
40
-
Collector Emitter Saturation
VCE(sat)
IC=1A, IB=50mA
-
0.5
V
Voltage
Base Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=50mA
-
1.2
V
DYNAMIC CHARACTERISTICS
Gain Bandwidth Product
fT
IC=500mA, VCE=2V
-
100
-
MHz
Output Capacitance
Cob
IE=0, VCB=10V,f=1MHz
PNP
-40
-
PF
NPN
-30
-
PF
Switching Time
Turn on Time
ton
VCC=30V, IB1=IB2=
-
0.1
-
us
Storage Time
tstg
50mA, RL=30Ω
-
1.0
-
us
Fall Time
tf
Duty Cycle=1%
-
0.1
-
us
Classification
O
Y
hFE*
70 - 140
120 - 240
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC2655

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC2655 CDIL-CSC2655 Datasheet
95Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CSC2655

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC182L MICRO-ELECTRONICS-BC182L Datasheet
62Kb / 1P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
BC516 MICRO-ELECTRONICS-BC516 Datasheet
68Kb / 1P
COMPLEMENTARY SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTOR
MPS-D04 MICRO-ELECTRONICS-MPS-D04 Datasheet
39Kb / 1P
COMPLEMENTARY DARLINGTON SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CSA1020 CDIL-CSA1020 Datasheet
95Kb / 3P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CVG639 CDIL-CVG639 Datasheet
179Kb / 3P
NPN/PNP COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CIL1020Y CDIL-CIL1020Y Datasheet
90Kb / 2P
PNP COMPLEMENTARY PLANAR SILICON TRANSISTORS
BCY58 CDIL-BCY58 Datasheet
99Kb / 4P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com