Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA916 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA916
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA916 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA916 Datasheet HTML 1Page - Continental Device India Limited CSA916 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CSA916
TO-237
BCE
Audio Frequency Amplifier Applications
Complementary CSC1941
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
160
V
Collector -Emitter Voltage
VCEO
160
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current DC
IC
50
mA
Collector Current Peak *
IC
100
mA
Collector Power Dissipation
PT
1.0
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
*PW=10ms, duty cycle=50%
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=160V, IE=0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC Current Gain
hFE(1) **
IC=1mA,VCE=10V
50
-
-
hFE(2) **
IC=10mA,VCE=10V
90
-
400
Base Emitter On Voltage
VBE(on) **
IC=10mA,VCE=10V
650
-
750
mV
Collector Emitter Saturation Voltage
VCE(Sat) ** IC=20mA,IB=2mA
-
-
0.60
V
Base Emitter Saturation Voltage
VBE(Sat) ** IC=20mA,IB=2mA
-
-
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=10V,IC=10mA,
50
-
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
-
3.5
pF
f=1MHz
hFE (2) CLASSIFICATION
MA : 90-180LA : 135-270
KA : 200-400
** PW=350us, Duty Cycle=2% Pulsed
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSA916

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA928A CDIL-CSA928A Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CSA928APNP CDIL-CSA928APNP Datasheet
159Kb / 2P
PNP/NPN COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
CSA931PNP CDIL-CSA931PNP Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
YANGZHOU POSITIONING TE...
CSA932 YZPST-CSA932 Datasheet
168Kb / 3P
Asymmetric thyristors
More results

Similar Description - CSA916

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com