Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA720 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA720
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA720 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA720 Datasheet HTML 1Page - Continental Device India Limited CSA720 Datasheet HTML 2Page - Continental Device India Limited CSA720 Datasheet HTML 3Page - Continental Device India Limited CSA720 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CSA719
CSA720
Applications
AF Output Amplifier and Driver
ABSOLUTE MAXIMUM RATING (Ta=25ºC )
DESCRIPTION
SYMBOL
CSA719
Collector Base Voltage
VCBO
30
Collector Emitter Voltage
VCEO
25
Emitter Base Voltage
VEBO
5
Collector Current Continuous
IC
500
Collector Current Peak
ICM
1
Collector Power Dissipation
*PC
625
Operating and Storage Junction
Temperature Range
Tj,Tstg
*PC=400mW/Potting type: PC=400mW
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB=20V, IE=0
100
nA
Collector Base Voltage
VCBO
IC=10µA, IE=0
CSA719
30
V
CSA720
60
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
CSA719
25
V
CSA720
50
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5
V
DC Current Gain
hFE
**IC=150mA, VCE=10V
85
340
IC=500mA, VCE=10V
40
Collector Emitter Saturation Voltage
VCE (sat)
IC=300mA, IB=30mA
0.6
V
Base Emitter Saturation Voltage
VBE (sat)
IC=300mA, IB=30mA
1.5
V
Transition Frequency
fT
VCE=10V, IC=50mA
200
MHz
Collector Out Put Capacitance
Cob
VCB=10V, IE=0, f=1MHz
15
pF
**hFE Classification
Q : 85 - 170 :
R : 120 - 240 :
S : 170 - 340 :
CSA719_720 Rev_2 201008E
UNIT
V
CSA720
60
V
V
50
mA
A
mW
- 55 to +150
ºC
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 4
TO-92
Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSA720

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA708 CDIL-CSA708 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709G CDIL-CSA709G Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709O CDIL-CSA709O Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709Y CDIL-CSA709Y Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
More results

Similar Description - CSA720

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com