Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA643 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA643
Description  PNP SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA643 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA643 Datasheet HTML 1Page - Continental Device India Limited CSA643 Datasheet HTML 2Page - Continental Device India Limited CSA643 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON TRANSISTOR
CSA 643
TO-92
Plastic Package
Audio Frequency General Purpose Power Amplifier Application
Complementary CSD 261
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
UNIT
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
BVCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Peak
ICM
mA
Collector Power Dissipation
PC
mW
Derate Above 25ºC
mW/ºC
Operating and Storage Junction
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNIT
Collector Emitter Breakdown Voltage
BVCEO
IC=10mA,IB=0
20
V
Collector Base Breakdown Voltage
BVCBO
IC=100µA,IB=0
40
V
Emitter Base Breakdown Voltage
BVEBO
IE=100µA, IC=0
>5
V
Collector Cut off Current
ICBO
VCB=25V, IE = 0
0.1
µA
Emitter Cut off Current
IEBO
VEB=3V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE=1V,IC=100mA*
40
400
Base Emitter Saturation Voltage
VBE(sat)* IC=500mA,IB= 50mA*
1.3
V
Collector Emitter Saturation
VCE(sat)
IC=500mA,IB=50mA*
0.4
V
Voltage
*Pulse Condition: = Width < 300us, Duty Cycle < 2%.
hFE CLASSIFICATION
R
O
Y
G
40-80
70-140
20-240
200-400
4.0
-55 to +150
VALUE
20
40
5
500
700
Tj, Tstg
ºC
500
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSA643

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA614 CDIL-CSA614 Datasheet
56Kb / 3P
PNP/NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSA614Y RECTRON-CSA614Y Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CSA673A CDIL-CSA673A Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CSA673AB CDIL-CSA673AB Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CSA643

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com