Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA684 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSA684
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA684 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSA684 Datasheet HTML 1Page - Continental Device India Limited CSA684 Datasheet HTML 2Page - Continental Device India Limited CSA684 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CSA683, CSA684
TO-237
Plastic Package
TO-237 Plastic Package
TO-237 Bulk
TO-237 T&A
1K/polybag
2K/ammo box
240 gm/1K pcs
725 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
26.2 kgs
13.8 kgs
PACKAGE
Net Weight/Qty
Details
STANDARDPACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Pack
i
ng
D
e
t
a
il
1. BASE
2. COLLECTOR
3. EMITTER
PIN CONFIGURATION
D
SEC AA
L
L
1
2
3
3 2 1
5.40
DIM
MIN.
MAX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F
G
1.14
1.40
H
—
—
2.54
K
12.70
—
L
5 DEG
J
1.14
1.53
M
1.982
2.082
F
B
1
2
3
D
G
A A
ITEM
SYMBOL
SPECIFICATION
PULL - OUT FORCE
(P)
6N
MIN. NOM.
BODY WIDTH
All dimensions in mm
A1
4.0
4.8
BODY HEIGHT
A
4.8
5.2
BODY THICKNESS
T
3.9
4.2
COMPONENT ALIGNMENT SIDE VIEW
h
0
1.0
COMPONENT ALIGNMENT FRONT VIEW
h1
0
1.3
COMPONENT HEIGHT
H1
32.25
LENGTH OF SNIPPED LEADS
L
11.0
TOTAL TAPE THICKNESS
t
1.2
CLINCH HEIGHT
H3
3.0
LEAD PARALLELISM
| C1 - C2 |
0.22
MAX.
PITCH OF COMPONENT
*1
*2
*3
*4
*5
P
12.7
FEED HOLE PITCH
Po
12.7
FEED HOLE CENTRE TO
COMPONENT CENTRE
P2
6.35
DISTANCE BETWEEN OUTER
LEADS
F
5.08
TAPE WIDTH
W
18
HOLD-DOWN TAPE WIDTH
Wo
6
HOLE POSITION
W1
9
HOLD-DOWN TAPE POSITION
W2
0.5
LEAD WIRE CLINCH HEIGHT
Ho
16
FEED HOLE DIAMETER
Do
4
± 1
± 0.3
± 0.4
+ 0.6
- 0.2
± 0.5
± 0.2
+ 0.7
- 0.5
± 0.2
± 0.5
± 0.2
LEAD - TO - LEAD DISTANCE
F1, F2
2.54
+ 0.4
- 0.1
STAND OFF
H2
0.45
1.45
HEAT SINK THICKNESS
T1
HEAT SINK WIDTH
A2
5.40
HEAT SINK HEIGHT
B
2.54
0.45
TOL .
NOTES
1. Maximum alignment deviation between leads will not to be greater than 0.2mm.
2. Maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches.
3. Holddown tape will not exceed beyond the edge(s) of carrier tape and there shall be no exposure
of adhesive.
4. There will be no more than three (3) consecutive missing components in a tape.
5. A tape trailer, having at least three feed holes is provided after the last component in a tape.
6. Splices should not interfere with the sprocket feed holes.
AT TOP OF BODY
*3
AT TOP OF BODY
*4
t1 0.3-0.6
*5
*1 CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH *2 TO BE MEASURED AT BOTTOM OF CLINCH
REMARKS
Mechanical Data
A
A1
A2
P
(p)
C1
C2
W2
Do
F2
F
P2
Po
F1
W1
Wo
W
H1
H2
H3
L
t1
t
Ho
h1
h1
h
h
Ammo Pack Style
Adhesive Tape on Top Side
Flat side
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
Label
Carrier
Strip
186
(7.3")
332
(13"
)
FEE
D
43
(1.7")
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com