Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP752 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CP752
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CP752 Datasheet(HTML) 1 Page - Continental Device India Limited

  CP752 Datasheet HTML 1Page - Continental Device India Limited CP752 Datasheet HTML 2Page - Continental Device India Limited CP752 Datasheet HTML 3Page - Continental Device India Limited CP752 Datasheet HTML 4Page - Continental Device India Limited CP752 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CP752 / CP753
TO-92
Plastic Package
Use in Wide Variety of Industrial and Consumer Applications Including Lamp and Solenoid Drivers and Audio
Amplifier
Complementary CN652 and CN653
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC )
DESCRIPTION
CP752
UNIT
Collector Base Voltage
120
V
Collector Emitter Voltage
100
V
Emitter Base Voltage
V
Peak Pulse Current
A
Collector Current Continuous
A
Power Dissipation @ Ta=25ºC
W
Derate Above 25ºC
mW/ºC
Power Dissipation @ Ta=25ºC
W
Power Dissipation @ TC=25ºC
W
Operating and Storage Junction
Temperature Range
ºC
Thermal Resistance
Junction to Ambient
ºC/W
Junction to Ambient
ºC/W
Junction to Case
ºC/W
* Consult safe operating area graph for conditions.
**Transistors mounted on printed circuit board. Lead Length 4mm, mounting pad for collector lead min
10mm x 10 mm, copper
2+ Device mounted on P.C.B with copper equal to 1sq.inch. Minimum
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector Base Voltage
VCBO
IC=100µA, IE=0
CP752
100
V
CP753
120
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
CP752
80
V
CP753
100
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
5.0
V
Collector Cut Off Current
ICBO
VCB=80V, IE=0
CP752
100
nA
VCB=80V, IE=0, Ta=100ºC
10
µA
VCB=100V, IE=0
CP753
100
nA
VCB=100V, IE=0,Ta=100ºC
10
µA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
100
nA
CP752_753Rev_2 211204E
138.8
Rth (j-a) 2+
113.6
5
6
2
56.8
PD
Rth (j-c)
*ICM
IC
PD
CP752
2.2
- 65 to +150
100
80
0.9
7.2
1.1
**PD
Tj, Tstg
Rth (j-a) 1
SYMBOL
VCBO
VCEO
VEBO
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CP752

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
CP750 FSP-CP750 Datasheet
68Kb / 1P
Boost and Buck AVR for voltage stabilization
logo
Central Semiconductor C...
CP753V CENTRAL-CP753V Datasheet
71Kb / 1P
Small Signal Transistors PNP - High Current Transistor Chip
CP753V-CZT953 CENTRAL-CP753V-CZT953 Datasheet
497Kb / 4P
PNP - High Current Transistor Die 5.0 Amp, 100 Volt
R1 29-November 2017
CP753V-MJE210 CENTRAL-CP753V-MJE210 Datasheet
495Kb / 4P
PNP - High Current Transistor Die 5.0 Amp, 25 Volt
R1 29-November 2017
CP753V CENTRAL-CP753V_10 Datasheet
413Kb / 2P
Small Signal Transistors PNP - High Current Transistor Chip
More results

Similar Description - CP752

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com