Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP502 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CP502
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CP502 Datasheet(HTML) 1 Page - Continental Device India Limited

  CP502 Datasheet HTML 1Page - Continental Device India Limited CP502 Datasheet HTML 2Page - Continental Device India Limited CP502 Datasheet HTML 3Page - Continental Device India Limited CP502 Datasheet HTML 4Page - Continental Device India Limited CP502 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
CP500 / 501 / 502
CP503 / 504
TO-92
Plastic Package
General Purpose Audio Transistors
Complementary CN300 series
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
CP500
CP501
CP502
CP503
CP504
UNITS
Collector Base Voltage
VCBO
25
35
35
45
70
V
Collector Emitter Voltage
VCEO
25
35
35
45
70
V
Emitter Base Voltage
VEBO
V
Peak Pulse Current
IC
mA
Base Current
IB
mA
Power Dissipation @ Ta=25ºC
PD
mW
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=VCB (max)
200
nA
Emitter Cut Off Current
IEBO
VEB=4V, IC = 0
200
nA
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
CP500
V
CP501/CP502
V
CP503
V
CP504
V
Collector Emitter Saturation Voltage *VCE (sat)
IC=50mA, IB=5mA
V
CP500/503
0.35
V
CP501/502
0.25
V
CP504
0.6
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=10mA, IB=1mA
1.0
V
DC Current Gain
*hFE
IC=100µA, VCE=6V CP502
IC=10mA, VCE=6V
CP500/501/503/504
300
CP502
300
IC=50mA, VCE=6V
*Pulse Condition: Pulse Width = 300
µµs, Duty Cycle < 2%.
CP500_504Rev_1 211204E
20
50
100
50
300
- 65 to +150
25
35
45
70
0.65
5
500
100
MIN
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CP502

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CP50210 SCHNEIDER-CP50210 Datasheet
70Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 225A
logo
CUI INC
CP50241 CUI-CP50241 Datasheet
691Kb / 8P
PELTIER MODULE
CP50241 CUI-CP50241 Datasheet
701Kb / 8P
PELTIER MODULE
logo
Ultralife Corporation.
CP502520 ULTRALIFE-CP502520 Datasheet
431Kb / 3P
Electronics record tracking systems
30 JAN 18 Rev: A
CP502537 ULTRALIFE-CP502537 Datasheet
419Kb / 3P
Electronics record tracking systems
30 JAN 18 Rev: A
More results

Similar Description - CP502

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com