Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP4 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CP4
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CP4 Datasheet(HTML) 1 Page - Continental Device India Limited

  CP4 Datasheet HTML 1Page - Continental Device India Limited CP4 Datasheet HTML 2Page - Continental Device India Limited CP4 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL TRANSISTOR
CN 1
CP4
TO-92
Plastic Package
Audio Frequency General Purpose and Driver Stage Amplofier Application for Transistor
Radios.
Complementary CP 4
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
BVCEO
12
V
Collector Base Voltage
BVCBO
12
V
Emitter Base Voltage
BVEBO
4.5
V
Collector Current Continuous
IC
150
mA
Collector Power Dissipation
PC
400
mW
Operating And Storage Junction
Tj, Tstg
-55 to +125
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNIT
MIN
TYP
MAX
Collector Emitter Breakdown Voltage
BVCEO
IC=1mA,IB=0
12
V
Collector Base Breakdown Voltage
BVCBO
IC=100µA,IE=0
12
V
Emitter Base Breakdown Voltage
BVEBO
IE=100µA, IC=0
4.5
V
Collector Cut off Current
ICBO
VCB=10V, IE = 0
1
µA
DC Current Gain
hFE
VCE=5V,IC=2mA
50
700
Collector Emitter Saturation Voltage
VCE(sat)
IC=10mA,IB=0.5mA
0.25
V
IC=100mA,IB=5mA
0.65
V
VALUE
Q
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CP4

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CP4 RALTRON-CP4 Datasheet
364Kb / 1P
CLOCK
logo
Ohmite Mfg. Co.
CP4-114A OHMITE-CP4-114A Datasheet
295Kb / 2P
Cold Plate Four-pass Heatsink
CP4-114A OHMITE-CP4-114A Datasheet
436Kb / 2P
Designed for Ohmite products
CP4-114A OHMITE-CP4-114A Datasheet
436Kb / 2P
Cold Plate Four-pass Heatsink
CP4-114B OHMITE-CP4-114B Datasheet
295Kb / 2P
Cold Plate Four-pass Heatsink
More results

Similar Description - CP4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com