Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL4150 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CLL4150
Description  HIGH SPEED SILICON DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLL4150 Datasheet(HTML) 1 Page - Continental Device India Limited

  CLL4150 Datasheet HTML 1Page - Continental Device India Limited CLL4150 Datasheet HTML 2Page - Continental Device India Limited CLL4150 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH SPEED SILICON DIODES
CLL4150
SOD - 80C
Mini MELF (LL- 34 )
Polarity: Cathode is indicated by a black band
Hermetically Sealed, Glass Silicon Diodes
Intended for General Purpose use in Computer and Industrial Application
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
VRRM
V
Continuous Reverse Voltage
VR
V
Continuous Forward Current
*IF
mA
Repetitive Peak Forward Current
IFRM
mA
Non Repetitive Peak Forward Current t=1
µµs
IFSM
A
t=1 ms
A
t=1 s
A
Power Dissipation up to Ta=25ºC
*Ptot
mW
Storage Temperature
Tstg
ºC
Junction Temperature
Tj
ºC
THERMAL RESISTANCE
Junction to tie point
Rth (j-tp)
K/W
Junction to Ambient in free air
*Rth (j-a)
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless otherwise specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Forward Voltage
VF
IF=1mA
0.54
0.62
V
IF=10mA
0.66
0.74
V
IF=50mA
0.76
0.86
V
IF=100mA
0.82
0.92
V
IF=200mA
0.87
1.00
V
Reverse Breakdown Voltage
VBR
IR=100µA
75
V
Reverse Current
IR
VR= 50V
100
nA
VR=50V, Tj=150ºC
100
µA
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
VR=0V, f=1MHz
2.5
pF
Reverse Recovery Time
trr
IF=10mA, to IR=1mA,RL=100Ω
6.0
ns
Measured @ IR=0.1mA
.
Forward Recovery Time
tfr
IF=200mA, tr =0.4ns
10
ns
Measured @ VF=1V
*Device mounted on an FR4 printed circuit board
350
0.5
500
- 65 to 200
200
VALUE
75
50
300
600
4.0
1.0
300
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
CLL4150Rev201002E


Similar Part No. - CLL4150

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4150 CENTRAL-CLL4150 Datasheet
378Kb / 2P
HIGH SPEED SWITCHING DIODE
CLL4150 CENTRAL-CLL4150 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL4150 CENTRAL-CLL4150_10 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL4150 CENTRAL-CLL4150_15 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results

Similar Description - CLL4150

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLL458A CDIL-CLL458A Datasheet
323Kb / 3P
HIGH SPEED SILICON DIODES
logo
TRANSYS Electronics Lim...
BAS19 TEL-BAS19 Datasheet
104Kb / 3P
SILICON PLANAR HIGH SPEED DIODES
LL458A TEL-LL458A Datasheet
151Kb / 2P
HIGH SPEED SILICON DIODES
LL4148 TEL-LL4148 Datasheet
92Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
LS4148 CDIL-LS4148 Datasheet
341Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
BAV100 CDIL-BAV100 Datasheet
338Kb / 3P
HIGH SPEED SILICON DIODES
logo
Central Semiconductor C...
CMKD2836 CENTRAL-CMKD2836_15 Datasheet
434Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448_15 Datasheet
499Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMUD2836 CENTRAL-CMUD2836_15 Datasheet
480Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com