Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP-23 Datasheet(PDF) 2 Page - Alpha Wire

Part # CAP-23
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

CAP-23 Datasheet(HTML) 2 Page - Alpha Wire

  CAP-23 Datasheet HTML 1Page - Alpha Wire CAP-23 Datasheet HTML 2Page - Alpha Wire CAP-23 Datasheet HTML 3Page - Alpha Wire CAP-23 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Physical &Mechanical Properties
1) Temperature Range
-55 to 135°C
2) Shrink Ratio
Approximately 2:1
3) Tensile Strength
2500psi, Min
ASTM D638
4) Elongation
300%, Min
ASTM D638
5) Specific Gravity
1.25, Max
ASTM D792
6) Shelf Life
25 Years @ 18 to 35°C
Electrical Properties
1) Dielectric Strength
700 V/mil, Min
ASTM D876
2) Volume Resistivity
1x10 16 ohm-cm, Min
ASTM D876
Chemical Properties
1) Water Absorption
0.10%, Max
ASTM D570
2) Corrosion(0°C,16hrs)
no corrosion
AMS-DTL-23053
3) Fungus Resistance
Pass
AMS-DTL-23053
4) Halogen Free
No
5) Lead Free
Yes
Other
Packaging
25 PC/PKG
Notes
1) Recovered parts may have an angularity of 30 - 45 degrees
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out
of or in connection with the use, or inability to use, the information or specifications described herein.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com