Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL061CDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL061CDT
Description  Low power JFET single operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061CDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL061CDT Datasheet HTML 2Page - STMicroelectronics TL061CDT Datasheet HTML 3Page - STMicroelectronics TL061CDT Datasheet HTML 4Page - STMicroelectronics TL061CDT Datasheet HTML 5Page - STMicroelectronics TL061CDT Datasheet HTML 6Page - STMicroelectronics TL061CDT Datasheet HTML 7Page - STMicroelectronics TL061CDT Datasheet HTML 8Page - STMicroelectronics TL061CDT Datasheet HTML 9Page - STMicroelectronics TL061CDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
TL061
6/16
SR
Slew rate
Vi = 10V, RL = 10kΩ, CL = 100pF, Av = 1
1.5
3.5
1.5
3.5
V/
μs
tr
Rise time
Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1
0.2
0.2
μs
Kov
Overshoot factor (see Figure 16)
Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1
10
10
%
en
Equivalent input noise voltage
RS = 100Ω, f = 1KHz
42
42
1.
The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature
sensitive. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature
as possible
Table 4.
VCC = ±15 V, Tamb = +25° C (unless otherwise specified) (continued)
Symbol
Parameter
TL061AC, AI, AM
TL061BC, BI, BM
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com