Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL62 Datasheet(PDF) 2 Page - 3M Electronics

Part # TL62
Description  Threadlocker Anaerobic Adhesives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TL62 Datasheet(HTML) 2 Page - 3M Electronics

  TL62 Datasheet HTML 1Page - 3M Electronics TL62 Datasheet HTML 2Page - 3M Electronics TL62 Datasheet HTML 3Page - 3M Electronics TL62 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch-Weld™
Threadlocker Anaerobic Adhesives
TL22 • TL42 • TL43 • TL62 • TL71 • TL72 • TL77 • TL90
1 Brookfield RVT #3 spindle @ 20 rpm and 25°C.
2 Brookfield RVT #2 spindle @ 20 rpm and 25°C.
3 Brookfield RVT #4 spindle @ 20 rpm and 25°C.
4 Brookfield LVF #1 spindle @ 30 rpm and 25°C.
- 2 -
Typical Uncured
Physical Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M™ Scotch-Weld™ Threadlocker Anaerobic Adhesives
TL22
TL42
TL43
TL62
TL71
TL72
TL77
TL90
Color
Purple
Blue
Blue
Red
Red
Red
Red
Green
Strength
Low
Medium
Medium -
Medium -
High
High
High
Medium,
High
High
Wicking Grade
Chemistry Type
Dimethacrylate
Dimethacrylate
Dimethacrylate
Dimethacrylate Dimethacrylate
Dimethacrylate
Dimethacrylate
Dimethacrylate
Appearance
Liquid
Liquid
Liquid
Liquid
Liquid
Liquid
Liquid
Liquid
Viscosity (cps)
800 -
800 -
2,500 -
800 -
400 - 6002
4,000 -
6,000 -
10 - 304
1,6001
1,6002
4,0001
1,6002
15,0003
8,0003
Fixture Time (min)
≤ 20
≤ 20
≤ 20
≤ 20
≤ 20
≤ 20
≤ 20
≤ 20
Fixture Time with
< 5
< 5
< 5
< 5
< 5
< 5
< 5
< 5
Activator (min)
Full Cure Time (hr)
24
24
24
24
24
24
24
24
5 Reference ISO 10964.
6 To convert to N.m divide in.lbs value by 8.851.
Typical Cured
Physical Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M™ Scotch-Weld™ Threadlocker Anaerobic Adhesives
TL22
TL42
TL43
TL62
TL71
TL72
TL77
TL90
Color
Purple
Blue
Blue
Red
Red
Red
Red
Green
Strength
Low
Medium
Medium -
Medium -
High
High
High
Medium,
High
High
Wicking Grade
Fastener Size Range
< 5/16"
1/4" - 3/4"
1/2" - 1"
1/2" - 1"
1/2" - 1"
1/2" - 1"
Up to 11/2"
Up to 1/2"
Breakaway Torque
40 - 100
70 - 160
110 - 220
180 - 290
180 - 410
180 - 330
220 - 350
60 - 190
Range (in.lbs)5,6
Prevail Torque Range
10 - 40
20 - 90
40 - 130
180 - 300
180 - 410
130 - 350
220 - 350
220 - 390
(in.lbs)5,6
Temperature Range (°F)
-65 to 300
-65 to 300
-65 to 300
-65 to 300
-65 to 300
-65 to 450
-65 to 300
-65 to 300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com