Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TACK104016TA Datasheet(PDF) 2 Page - AVX Corporation

Part # TACK104016TA
Description  The world?셲 smallest surface mount tantalum capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TACK104016TA Datasheet(HTML) 2 Page - AVX Corporation

  TACK104016TA Datasheet HTML 1Page - AVX Corporation TACK104016TA Datasheet HTML 2Page - AVX Corporation TACK104016TA Datasheet HTML 3Page - AVX Corporation TACK104016TA Datasheet HTML 4Page - AVX Corporation TACK104016TA Datasheet HTML 5Page - AVX Corporation TACK104016TA Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APRIL 2014
■ 27
APRIL 2014
■ 27
Capacitance
Voltage Rating DC (VR) at 85°C
μF
Code
2.0V
3.0V
4.0V
6.3V
10V
16V
20V
25V
0.10
104
K
0.15
154
KK
0.22
224
KK
K
0.33
334
KK
0.47
474
K/L
L
0.68
684
K/L
L
1.0
105
K/L
K/L/R
L
R
1.5
155
L
L
L
2.2
225
K/L
L
K/L
L
L
3.3
335
K/L
K/L
L
L
L/R
R
4.7
475
K/L
K/L
L
L
L/R
R
6.8
685
K/L
L
L
L/R
L/R
10
106
K/L
L
L/R
L/R
L/R
R
15
156
R
L/R
L/R
R
22
226
R
L/R
L/R
R
R
33
336
R
R
R
R
A/R
47
476
R
R
R
A/R
B
68
686
R
A/R
A
100
107
A/R
A/R
A
150
157
A
220
227
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
TACmicrochip
®
Standard Microchip
ESR limits quoted in brackets (Ohms)
Released codes
Engineering samples - please contact manufacturer
*Codes under development - subject to change.
Standard Height Profile: A, B, K, L, R Case
Low Profile: H, J, T, U, V Case
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com