Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL386151SHT Datasheet(PDF) 6 Page - Ericsson

Part # PBL386151SHT
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386151SHT Datasheet(HTML) 6 Page - Ericsson

Back Button PBL386151SHT Datasheet HTML 2Page - Ericsson PBL386151SHT Datasheet HTML 3Page - Ericsson PBL386151SHT Datasheet HTML 4Page - Ericsson PBL386151SHT Datasheet HTML 5Page - Ericsson PBL386151SHT Datasheet HTML 6Page - Ericsson PBL386151SHT Datasheet HTML 7Page - Ericsson PBL386151SHT Datasheet HTML 8Page - Ericsson PBL386151SHT Datasheet HTML 9Page - Ericsson PBL386151SHT Datasheet HTML 10Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PBL 386 15/1
6
Loop current detector
Programmable threshold, I
DET
I
LTh =
500
0.9•I
LTh
I
LTh
1.1•I
LTh
mA
I
LTh > 10 mA
R
LD
Ground key detector
Ground key detector threshold
I
LTIPX and ILRINGX current difference to trigger ground key det.
11
15
19
mA
Ring trip comparator
Offset voltage,
∆V
DTDR
Source resistance, R
S = 0 Ω
-20
0
20
mV
Input bias current, I
B
I
B = (IDT + IDR)/2
-50
-20
nA
Input common mode range, V
DT, VDR
V
Bat+1
-1
V
Ring relay driver
Saturation voltage, V
OL
I
OL = 50 mA
0.2
0.5
V
Off state leakage current, I
Lk
V
OH = 12 V
100
µA
Digital inputs (C1, C2, C3)
Input low voltage, V
IL
0
0.5
V
Input high voltage, V
IH
2.5
V
CC
V
Input low current, |I
IL|VIL = 0.5
200
µA
Input high current, I
IH
V
IH = 2.5 V
200
µA
Detector output (DET)
Output low voltage, V
OL
I
OL = 1 mA
0.1
0.6
V
Internal pull-up resistor to V
CC
10
k
Ω
Power dissipation (V
Bat = -48V, VBat2 = -22V, note 9)
P
1
Open circuit state
15
18
mW
P
2 @ VEE=-5V
Active State I
Lo = 0 mA, IL = 0 mA
37
44
mW
P
3 @ VEE=VB2
Active State I
Lo = 0 mA, IL = 0 mA
40
47
mW
P
4 @ VEE = -5V
Active R
L = 300Ω (off-hook)
415
mW
P
5 @ VEE = -5V
Active R
L = 600Ω (off-hook)
200
mW
Power supply currents (V
Bat = -48V)
V
CC current, ICC
Open circuit state
1.3
mA
V
EE current, IEE
Open circuit state
-0.2
-0.1
mA
V
Bat current, IBat
Open circuit state
-0.2
-0.1
mA
V
CC current, ICC
Active State I
Lo= 0 mA, IL = 0 mA
2.1
3.5
mA
V
EE current, IEE
Active State I
Lo= 0 mA, IL = 0 mA
0.1
0.3
mA
V
Bat current, IBat , On-hook
Active State I
Lo= 0 mA, IL = 0 mA
-0.8
-0.5
mA
Power supply rejection ratios
V
CC to 2- or 4-wire port
Active State, f = 1 kHz, V
n = 100mV
30
45
dB
V
EE to 2- or 4-wire port
Active State, f = 1 kHz, V
n = 100mV
28.5
55
dB
V
Bat to 2- or 4-wire port
Active State, f = 1 kHz, V
n = 100mV
45
60
dB
V
Bat2 to 2- or 4-wire port
Active State, f = 1 kHz, V
n = 100mV
28.5
60
dB
Temperature guard
Junction threshold temperature, T
JG
140
°C
Thermal resistance
28-pin SSOP,
θ
JP28SSOP
55
°C/W
Parameter
fig
Conditions
Min
Typ
Max
Unit
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com