Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIL9263 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CIL9263
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL9263 Datasheet(HTML) 1 Page - Continental Device India Limited

  CIL9263 Datasheet HTML 1Page - Continental Device India Limited CIL9263 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON EPITAXIAL TRANSISTOR
CIL9263
TO237
BCE
High Voltage Transistor
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
250
V
Collector -Emitter Voltage
VCEO
250
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
100
mA
Power Dissipation
PD
1.0
W
Operating & Storage Junction
TJ, Tstg
-65 to +150
deg C
Temperature Range
Lead Temperature for Soldering 1/16"
TL
260
deg C
From Body, For 10 Seconds
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
50
deg C/W
Junction to Ambient
Rth(j-a)
125
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector -Base Voltage
VCBO
IC=100uA, IE=0
250
-
V
Collector -Emitter Voltage
VCEO
IC=7mA, IB=0
250
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
6.0
-
V
Collector Cut off Current
ICBO
VCB=250V, IE=0
-
1.0
uA
Emitter Cut off Current
IEBO
VEB=6V, IC=0
-
500
nA
DC Current Gain
hFE
IC=20mA,VCE=10V
75
-
Collector Emitter Saturation Voltage
VCE(Sat)
IC=20mA,IB=2mA
-
2.5
V
Cut off frequency
ft
VCE=10V, IC=20mA
60
-
-
Fead Back Capacitance
Ccb
VCB=20V, IE=0, f=1MHz
-
3.0
pF
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CIL9263

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CIL928A CDIL-CIL928A Datasheet
106Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CIL9263

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com