Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL386502SOS Datasheet(PDF) 2 Page - Ericsson

Part # PBL386502SOS
Description  Subscriber Line Interface Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386502SOS Datasheet(HTML) 2 Page - Ericsson

  PBL386502SOS Datasheet HTML 1Page - Ericsson PBL386502SOS Datasheet HTML 2Page - Ericsson PBL386502SOS Datasheet HTML 3Page - Ericsson PBL386502SOS Datasheet HTML 4Page - Ericsson PBL386502SOS Datasheet HTML 5Page - Ericsson PBL386502SOS Datasheet HTML 6Page - Ericsson PBL386502SOS Datasheet HTML 7Page - Ericsson PBL386502SOS Datasheet HTML 8Page - Ericsson PBL386502SOS Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PBL 386 50/2
2
Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Temperature, Humidity
Storage temperature range
T
Stg
-55
+150
°C
Operating temperature range
T
Amb
-40
+110
°C
Operating junction temperature range, Note 1
T
J
-40
+140
°C
Power supply, 0
°C ≤ T
Amb ≤ -70°C
V
CC with respect to A/BGND
V
CC
-0.4
6.5
V
V
Bat2 with respect to A/BGND
V
Bat2
V
Bat
0.4
V
V
Bat with respect to A/BGND, continuous
V
Bat
-75
0.4
V
V
Bat with respect to A/BGND, 10 ms
V
Bat
-80
0.4
V
Power dissipation
Continuous power dissipation at T
Amb ≤ +70 °CPD
1.5
W
Ground
Voltage between AGND and BGND
V
G
-0,3
0,3
V
Relay Driver
Ring relay supply voltage
BGND+14 V
Ring trip comparator
Input voltage
V
DT, VDR
V
Bat
AGND
V
Input current
I
DT, IDR
-5
5
mA
Digital inputs, outputs (C1, C2, C3, DET)
Input voltage
V
ID
-0.4
V
CC
V
Output voltage
V
OD
-0.4
V
CC
V
TIPX and RINGX terminals, 0
°C < T
Amb < +70°C, VBat = -50V
Maximum supplied TIPX or RINGX current
I
TIPX, IRINGX
-100
+100
mA
TIPX or RINGX voltage, continuous (referenced to AGND), Note 2
V
TA, VRA
-80
2
V
TIPX or RINGX, pulse < 10 ms, t
Rep > 10 s, Note 2
V
TA, VRA
V
Bat -10
5
V
TIPX or RINGX, pulse < 1
µs, t
Rep > 10 s, Note 2
V
TA, VRA
V
Bat -25
10
V
TIPX or RINGX, pulse < 250 ns, t
Rep > 10 s, Notes 2 & 3
V
TA, VRA
V
Bat -35
15
V
Recommended Operating Condition
Parameter
Symbol
Min
Max
Unit
Ambient temperature
T
Amb
0
+70
°C
V
CC with respect to AGND
V
CC
4.75
5.25
V
V
Bat with respect to AGND
V
Bat
-65
-8
V
AGND with respect to BGND
V
G
-100
100
mV
Notes
1.
The circuit includes thermal protection. Operation at or above 140
°C junction temperature may degrade device reliability.
2.
With the diodes D
VB and DVB2 included, see figure 12.
3.
R
F1 and RF2 ≥ 20 Ω is also required. Pulse is applied to TIP and RING outside RF1 and RF2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com