Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTFD16B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # UTFD16B
Description  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD16B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  UTFD16B Datasheet HTML 1Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 2Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 3Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 4Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 5Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 6Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 7Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 8Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Dimensions
Note: all dimensions are in mm
B
B
Pin contact
Socket contact
ØA
ØG
A max
E
F
B max
Pin contact
Socket contact
Panel cut
ØJ
5
UTG Series
Cable plug - UTG6
Shell size
ØA±0.2
B max
ØC±0.15
ØD±0.15
ØE±0.2
Pin contact
Socket contact
10
21.6
31.8
23.9 / 26.75
10.9
12.2
19.1
12
24.8
23.9
13.8
15.1
14
28.0
17.0
18.3
16
31.2
19.9
21.5
18
34.3
31.8 / 33.0
23.9 / 29.0
22.4
24.0
20
37.5
31.8 / 35.3
24.9
25.6
27.2
22
47.0
31.8
28.5
30.4
24
50.1
26.2
31.7
33.5
Wall mounting - UTG0
Shell size
A max
B±0.15
C±0.2
ØD±0.15
ØE±0.2
F±0.25
ØG±0.1
ØH±0.1
ØJ±0.1
Pin contact
Socket contact
10
31.7
24.3 / 27.6
2.3
11.3
15.0
18.3
23.8
3.2
17.3
15.1
12
24.3
19.0
20.6
26.2
21.8
18.2
14
22.2
23.0
28.6
25.0
21.4
16
25.3
24.6
31.0
28.1
24.6
18
31.7 / 34.0
24.3 / 30.4
2.5
11.3 / 17.9
28.5
27.0
33.3
31.3
27.7
20
33.3
27.0
14.5
31.7
29.4
36.5
34.5
30.9
22
28.0
3.5
34.9
31.8
39.7
37.7
34.1
24
30.4
15.3
38.0
34.9
42.9
3.9
40.9
37.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com