Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD8KBA80 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # UD8KBA80
Description  Bridge Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

UD8KBA80 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  UD8KBA80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd UD8KBA80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd UD8KBA80 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd UD8KBA80 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
順方向特性
Forward Voltage
5
10
0.
1
30
20
1
0.
5
0.
2
2
0
0.
5
2
1.
5
1
Pulse measurement
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc= 25℃(MAX)
Tc= 25℃(TYP)
0
20
15
10
5
順電力損失曲線
Forward Power Dissipation
SIN
SIN
Tj=150℃
02
4
8
10
6
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
150
100
200
50
01
100
10
1cycle
8.
3ms8.
3ms
Sine wave
Non-repetitive
Tj=25℃
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
500
100
90
80
70
60
400
300
200
503
8.
3
6
4
57
Tj=150℃
Tj=25℃
ディレーティングカーブ Tc-Io
Derating Curve Tc-Io
0
20
40
60
80 100
160
140
120
SIN
SIN
Case Temperature Tc 〔℃〕
0
4
2
6
8
10
ディレーティングカーブ Ta-Io
Derating Curve Ta-Io
0
20
40
60
80 100
160
140
120
SIN
SIN
Ambient Temperature Ta 〔℃〕
0
0.
8
1
1.
6
1.
4
1.
2
0.
2
0.
4
0.
6
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Sine wave
R-load
with heatsink
tp
Sine wave
Non-repetitive
Pulse Width tp〔ms〕
heastsink
Tc-sensing point
On glass-epoxy substrate
P.C.B
soldering land 3mmφ
Sine wave
R-load
free in air
UD8KBA80
(J534-P〈2010.
06〉)
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com