Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF16VC60R Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # DF16VC60R
Description  Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DF16VC60R Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  DF16VC60R Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DF16VC60R Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DF16VC60R Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DF16VC60R Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
順方向特性
Forward Voltage
50
20
10
0.
0.
1.21.4
1.
0.8
Pulse measurement per diode
Tc=150℃(TYP)
Tc=25℃(TYP)
順電力損失曲線
Forward Power Dissipation
DC
0.
0.
0.
0.
0.
D=0.
05
SIN
DC
0.
0.
0.
0.
0.
D=0.
05
SIN
10
15
25
20
Tj=150℃
D=tp/T
T
tp
IO
04
16
20
28
24
12
12
16
24
28
20
ディレーティングカーブ Tc-Io
Derating Curve Tc-Io
50
100
200
150
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
D=tp/T
T
tp
IO
VR
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
200
100
250
300
150
50
01
100
10
2050
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
VR=600V
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Case Temperature Tc〔℃〕
Number of Cycles〔cycle〕
J534-P2011.2〉)
DF16VC60R
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.
Title:diode-A.ec9 Page:3
Date: 2011/02/17 Thu 14:01:21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com