Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0071 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0071
Description  DECT Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAPSS0071 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAPSS0071 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAPSS0071 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAPSS0071 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAPSS0071 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAPSS0071 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
DECT Power Amplifier
1880 - 1930 MHz
Rev. V3
MAAPSS0071
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MAAPSS0071 External Parts List
Designator
Value
Footprint
Manufacturer
Part ID
C1
1 pF
0402
Murata
GRM1555C1H1R0CZ01B
C2, C4
3 pF
0402
Murata
GRM1555C1H3R0CZ01B
C3
22 nF
0402
Murata
GRM155R71C223KA01B
C5, C6
47 pF
0402
Murata
GRM1555C1H470JZ01B
C7, C8
100 nF
0402
Murata
GRM155F51C104ZA01B
C9
4 pF
0402
Murata
GRM155C1H4R0CZ01B
R1 (VEN = 2.5 V)
470 Ohm
0402
KOA
RK73B1ET470J
R1 (VEN = 1.7 V)
100 Ohm
0402
KOA
RK73B1ET101J
L1
10 nH
0402
Coilcraft
0402CS-10NXJB
Designator
Length (mm)
5
Width (mm)
T1
6
2.16
0.37
T2
2.54
0.37
T3
3.05
0.37
T4
3.94
0.37
Transmission Line Dimensions, 0.20 mm FR4
Evaluation Board Schematic
C9
C7
C6
C8
L1
C4
T1
C1
R1
C3
RF IN
VCC (Typ. = 2.4 V)
RF
OUT
Ven
(Typ. = 2.5 V)
C2
C5
T3
T2
T4
5. From package edge to center of component.
6. T1 is measured from package edge (not C2) to the center of
C1.
Jumper
Jumper
Jumper
Jumper



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com