Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P15VG Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P15VG
Description  PMNW-SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P15VG Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P15VG Datasheet HTML 1Page - PEAK electronics GmbH P15VG Datasheet HTML 2Page - PEAK electronics GmbH P15VG Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PMNW-Series – P15VG-xxxxE/Z 4:1LF – Single and Dual Output – 1”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/3
App Notes
1 = One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2 = Tested by nominal Vin and 25% load step change (75% - 50% - 25% of Io)
3 = Tested by minimal Vin and constant resistive load.
4 = Input filter components (C1, C2, L) are used to help meet conducted emissions requirement for the module. These
components should be mounted as close as possible to the module; all leads should be minimized to decrease radiated noise.
5 = An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5
Part #
C1 / C2
L
P15VG-24xx
1210, 2.2uF/100V
12uH
P15VG-48xx
1210, 2.2uF/100V
12uH
EMC SPECIFICATIONS
Radiated
Emissions
EN 55022
CLASS A
Conducted
Emissions
4
EN 55022
CLASS A
ESD
EN 61000-4-2
Perf. Criteria A
RS
EN 61000-4-3
Perf. Criteria A
EFT
5
EN 61000-4-4
Perf. Criteria A
Surge
5
EN 61000-4-5
Perf. Criteria A
CS
EN 61000-4-6
Perf. Criteria A
PFMF
EN 61000-4-8
Perf. Criteria A
Over Voltage Protection (Zender diode clamp)
3.3 Vout:
3.9 V
5 Vout
6.2 V
12 Vout
15 V
15 Vout
18 V
± 5 Vout
± 6.2 V
± 12 Vout
± 15 V
± 15 Vout
± 18 V
Under Input Voltage Lockout (typ.)
24 Vin Models
Module ON/OFF 8.5V / 7V
48 Vin Models
Module ON/OFF 17V / 15V
Remote ON/OFF Control
ON:
3 -12 VDC or open circuit
OFF:
0 – 1.2 VDC or short circuit
PIN2 and PIN3
OFF idle current:
5mA, typ.
Notes:
5
6
4
5
Rtrim-up
Rtrim-down
External Output Trimming
Output can be externally trimmed.
(Single output models only!)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com