Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFD811 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFD811
Description  NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFD811 Datasheet(HTML) 1 Page - Continental Device India Limited

  CFD811 Datasheet HTML 1Page - Continental Device India Limited CFD811 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFD811
(9AW)
TO-220FP
MARKING : CFD
811
Designed for Relay Drive and Motor Drive
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
110
V
Collector -Emitter Voltage
VCEO
110
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
8.0
A
t=50ms
ICP
12
A
Base Current
IB
1.0
A
Collector Power Dissipation @ Ta=25 deg C
PC
2.0
W
Collector Power Dissipation @ Tc=25 deg C
60
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=5mA, IB=0
110
-
-
V
Collector -Base Voltage
VCBO
IC=50uA, IE=0
110
-
-
V
Emitter Base Voltage
VEBO
IE=5mA, IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=110V, IE=0
-
-
100
uA
Emitter Cut off Current
IEBO
VEB=5V,IC=0
-
-
3.0
mA
Collector Emitter Saturation Voltage
VCE(Sat)
IC=5A,IB=5mA
-
-
2.5
V
DC Current Gain
hFE
IC=2A, VCE=3V
1.0
-
20
K
IC=8A, VCE=3V
1.0
-
-
K
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=0.2A,
-
40
-
MHz
f=10MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
70
-
pF
f=1MHz
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CFD811

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFD-N ETC1-CFD-N Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
CFD-N22B104K ETC1-CFD-N22B104K Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
CFD-N22B105K ETC1-CFD-N22B105K Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
CFD-N22B154K ETC1-CFD-N22B154K Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
CFD-N22B155K ETC1-CFD-N22B155K Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
More results

Similar Description - CFD811

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Continental Device Indi...
CN1016 CDIL-CN1016 Datasheet
67Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CSD1638 CDIL-CSD1638 Datasheet
67Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CSD611 CDIL-CSD611 Datasheet
115Kb / 3P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CSD811 CDIL-CSD811 Datasheet
119Kb / 3P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CN1933 CDIL-CN1933 Datasheet
119Kb / 3P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFD1933_9AW CDIL-CFD1933_9AW Datasheet
89Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CFD611 CDIL-CFD611 Datasheet
95Kb / 3P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
CDD1933 CDIL-CDD1933 Datasheet
90Kb / 2P
NPN SILICON PLASTIC POWER DARLINGTON TRANSISTOR
MJD44E3 CDIL-MJD44E3 Datasheet
96Kb / 5P
NPN DARLINGTON PLASTIC POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com