Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDU83 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CDU83
Description  NPN SILICON PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CDU83 Datasheet(HTML) 1 Page - Continental Device India Limited

  CDU83 Datasheet HTML 1Page - Continental Device India Limited CDU83 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON PLANAR TRANSISTOR
CDU 83
TO-237
BCE
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
20
V
Collector -Base Voltage
VCBO
95
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
3.0
A
Peak Collector Current
ICP
6.0
A
Power Dissipation
PD
900
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=50V, IE=0
-
-
1.0
uA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
1.0
uA
DC Current Gain
hFE*
IC=500mA,VCE=2V
100
-
560
IC=3A,VCE=2V
75
-
-
Collector Emitter Saturation Voltage
VCE(Sat) * IC=3A, IB=60mA
-
-
0.60
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=3A, IB=60mA
-
-
`1.50
V
Dynamic Characteristics
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
45
-
pF
Gain Bandwidth Product
ft
VCE=10V, IC=50mA,
-
120
-
MHz
*Pulse Test : tp=300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CDU83

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
CDU ATC-CDU Datasheet
182Kb / 1P
DC Under Current Monitor/Relays
CDU120ALE1 ATC-CDU120ALE1 Datasheet
182Kb / 1P
DC Under Current Monitor/Relays
CDU120ALE10 ATC-CDU120ALE10 Datasheet
182Kb / 1P
DC Under Current Monitor/Relays
CDU120ALE2.5 ATC-CDU120ALE2.5 Datasheet
182Kb / 1P
DC Under Current Monitor/Relays
CDU120ALE20 ATC-CDU120ALE20 Datasheet
182Kb / 1P
DC Under Current Monitor/Relays
More results

Similar Description - CDU83

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com